Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 96Page - National Semiconductor (TI) PC87309 Datasheet HTML 97Page - National Semiconductor (TI) PC87309 Datasheet HTML 98Page - National Semiconductor (TI) PC87309 Datasheet HTML 99Page - National Semiconductor (TI) PC87309 Datasheet HTML 100Page - National Semiconductor (TI) PC87309 Datasheet HTML 101Page - National Semiconductor (TI) PC87309 Datasheet HTML 102Page - National Semiconductor (TI) PC87309 Datasheet HTML 103Page - National Semiconductor (TI) PC87309 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 192 page
background image
Parallel Port (Logical Device 1)
100
www.national.com
76543210
Reset
Required
0
0
0
0
0
0
0
0
Configuration Register B
(CNFGB)
Offset 401h
Reserved
Interrupt Select
IRQ Signal Value
Reserved
DMA Channel Select
Bits 7-5 of ECR = 111
76543210
Reset
Required
1
0
1
0
0
0
Extended Control
Register(ECR)
Offset 402h
ECP Interrupt Service
ECP Interrupt Mask
ECP Mode Control
ECP DMA Enable
FIFO Full
FIFO Empty
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Index
Register (EIR)
Offset 403h
Second Level Offset
Reserved
Reserved
Reserved
Reserved
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Data
Register (EDR)
Offset 404h
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Auxiliary
Offset 405h
Reserved
FIFO Tag
Status Register (EAR)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control0 Register
Offset 00h
Reserved
EPP Time-Out
Reserved
Reserved
Reserved
Freeze Bit
DCR Register Live
Second Level
Interrupt Mask
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control2 Register
Offset 02h
Revision 1.7 or 1.9 Select
Channel Address Enable
Reserved
Reserved
Reserved
Reserved
SPP Compatability
Second Level
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com