Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 51Page - National Semiconductor (TI) PC87309 Datasheet HTML 52Page - National Semiconductor (TI) PC87309 Datasheet HTML 53Page - National Semiconductor (TI) PC87309 Datasheet HTML 54Page - National Semiconductor (TI) PC87309 Datasheet HTML 55Page - National Semiconductor (TI) PC87309 Datasheet HTML 56Page - National Semiconductor (TI) PC87309 Datasheet HTML 57Page - National Semiconductor (TI) PC87309 Datasheet HTML 58Page - National Semiconductor (TI) PC87309 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
55
www.national.com
WLD Wildcard bit in the MODE command used to enable
or disable the wildcard byte (FFh) during scan com-
mands.
WNR Write Number controls whether to read an existing
track number or to write a new one in the SET
TRACK command.
3.7.2
The CONFIGURE Command
The CONFIGURE command controls some operation
modes of the controller. It should be issued during the ini-
tialization of the FDC after power up.
The bits in the CONFIGURE registers are set to their default
values after a hardware reset.
Command Phase
Third Command Phase Byte
Bits 3-0 - The FIFO Threshold (THRESH)
These bits specify the threshold of the FIFO during the
execution phase of read and write data transfers.
This value is programmable from 00h to 0Fh. A software
reset sets this value to 00 if the LOCK bit (bit 7 of the op-
code of the LOCK command) is 0. If the LOCK bit is 1,
THRESH retains its value.
Use a high value of THRESH for systems that respond
slowly and a low value for fast systems.
Bit 4 - Disable Drive Polling (POLL)
This bit enables and disabled drive polling. A software
reset clears this bit to 0.
When drive polling is enabled, an interrupt is generated
after a reset.
When drive polling is disabled, if the CONFIGURE com-
mand is issued within 500 msec of a hardware or soft-
ware reset, then an interrupt is not generated. In
addition, the four SENSE INTERRUPT commands to
clear the Ready Changed State of the four logical drives
is not required.
0: Enable drive polling. (Default)
1: Disable drive polling.
Bit 5 - Enable FIFO (FIFO)
This bit enables and disables the FIFO for execution
phase data transfers.
If the LOCK bit (bit 7 of the opcode of the LOCK com-
mand) is 0, a software reset disables the FIFO, i.e., sets
this bit to 1.
If the LOCK bit is 1, this bit retains its previous value af-
ter a software reset.
0: FIFO enabled for read and write operations.
1: FIFO disabled. (Default)
Bit 6 - Enable Implied Seeks (EIS)
This bit enables or disables implied seek operations. A
software reset disables implied seeks, i.e., clears this bit
to 0.
Bit 5 of the MODE command (Implied Seek (IPS) can
override the setting of this bit and enable implied seeks
even if they are disabled by this bit.
When implied seeks are enabled, a seek or sense inter-
rupt operation is performed before execution of the read,
write, scan, or verify operation.
0: Implied seeks disabled. The MODE command can
still enable implied seek operations. (Default)
1: Implied seeks enabled for read, write, scan and
VERIFY operations, regardless of the value of the
IPS bit in the MODE command.
Fourth Command Phase Byte, Bits 7-0,
Precompensation Track Number (PRETRK)
This byte identifies the starting track number for write
precompensation. The value of this byte is programma-
ble from track 0 (00h) to track 255 (FFh).
If the LOCK bit (bit 7 of the opcode of the LOCK com-
mand) is 0, after a software reset this byte indicates
track 0 (00h).
If the LOCK bit is 1, PRETRK retains its previous value
after a software reset.
Execution Phase
Internal registers are written.
Result Phase
None.
3.7.3
The DUMPREG Command
The DUMPREG command supports system run-time diag-
nostics, and application software development and debug-
ging.
DUMPREG has a one-byte command phase (the opcode)
and a 10-byte result phase, which returns the values of pa-
rameters set in other commands. See the commands that
set each parameter for a detailed description of the param-
eter.
Command Phase
Execution Phase
Internal registers read.
76543210
00010011
00000000
0
EIS
FIFO POLL
Threshold (THRESH)
Precompensation Track Number (PRETRK)
76543210
00001110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com