Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 10Page - National Semiconductor (TI) PC87309 Datasheet HTML 11Page - National Semiconductor (TI) PC87309 Datasheet HTML 12Page - National Semiconductor (TI) PC87309 Datasheet HTML 13Page - National Semiconductor (TI) PC87309 Datasheet HTML 14Page - National Semiconductor (TI) PC87309 Datasheet HTML 15Page - National Semiconductor (TI) PC87309 Datasheet HTML 16Page - National Semiconductor (TI) PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
Signal/Pin Connection and Description
14
www.national.com
CFG0
92
Configuration
Input
Group 4
This pin selects between Full-IR and Two-UART mode as the default
configuration upon power up. It is pulled down by internal 30 K
Ω
resistors. External 10 K
Ω pull-up resistors to V
DD should be
employed.
This signal is multiplexed with SOUT1.
See TABLE 2-1 and Section 2.1.
CLKIN
33
Clock
Input
Group 1
Clock In – A TTL or CMOS compatible 48 MHz clock.
CTS2,1
93,83
UART1,
UART2
Input
Group 1
UART1 and UART2 Clear to Send – When low, these signals indicate
that the modem or other data transfer device is ready to exchange data.
CTS2 is multiplexed with A11, and available only in Two-UART mode.
D7-0
8-1
ISA-Bus
I/O
Group 5
ISA-Bus Data – Bidirectional data lines to the microprocessor. D0 is
the LSB and D7 is the MSB. These signals have 24 mA (sink)
buffered outputs.
DACK3
DACK2,1
42
39,38
ISA-Bus
Input
Group 1
DMA Acknowledge 1,2 and 3 – These active low input signals
acknowledge a request for DMA services and enable the IOWR and
IORD input signals during a DMA transfer. These DMA signals can be
mapped to the following logical devices: FDC, UART or Parallel Port.
DCD2,1
94,84
UART1,
UART2
Input
Group 1
UART1 and UART2 Data Carrier Detected – When low, this signal
indicates that the modem or other data transfer device has detected
the data carrier.
DCD2 is multiplexed with P12 and available only in Two-UART mode.
DENSEL
97, 48 or
44
FDC
Output
Group 11
Density Select – Indicates that a high FDC density data rate (500
Kbps or 1 Mbps) or a low density data rate (250 or 300 Kbps) is
selected.
DENSEL polarity is controlled by bit 5 of the SuperI/O FDC
Configuration register as described in Section 2.5.1.
This signal is multiplexed with: IRTX, , DR1, or R12.
DIR
50
FDC
Output
Group 11
Direction – This output signal determines the direction of the Floppy
Disk Drive (FDD) head movement (active = step in, inactive = step
out) during a seek operation. During reads or writes, DIR is inactive.
DR1,0
48, 47
FDC
Output
Group 11
Drive Select 0 and 1 – These active low output signals are the
decoded drive select output signals. DR0 and DR1 are controlled by
Digital Output Register (DOR) bits 0 and 1. They are encoded with
information to control four FDDs when bit 7 of the SuperI/O FDC
Configuration register is 1, as described in Section 2.5.1.
DR0 can optionally become a logical OR of DR0 and MTR0 when
MTR0/DRATE0 is used as DRATE0.
DR1 is multiplexed with DENSEL and is available only in Two-UART
mode. Optionally, it can become a logical OR of DR1 and MTR1
when MTR1/P12 is used as P12.
See MTR0,1 for more information.
DRATE0
95, 45 or
43
FDC
Output
Group 14
Data Rate 0 – This output signal reflects the value of bit 0 of the
Configuration Control Register (CCR) or the Data Rate Select Register
(DSR), whichever was written to last. Output from the pin is totem-pole
buffered (6 mA sink, 6 mA source).
This signal is multiplexed with IRRX1/P12, MTR0 or DSR2
DRQ3-1
37-35
ISA-Bus
Output
Group 13
DMA Request 1, 2 and 3 – These active high output signals inform
the DMA controller that a data transfer is needed. These DMA signals
can be mapped to the following logical devices: Floppy Disk Controller
(FDC), UART or parallel port.
DSKCHG
58
FDC
Input
Group 1
Disk Change – This input signal indicates whether or not the drive
door has been opened. The state of this pin is available from the
Digital Input Register (DIR). This pin can also be configured as the
RGATE data separator diagnostic input signal via the MODE
command. See the MODE command in Section 3.7.7.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com