Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 38Page - National Semiconductor (TI) PC87309 Datasheet HTML 39Page - National Semiconductor (TI) PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) PC87309 Datasheet HTML 43Page - National Semiconductor (TI) PC87309 Datasheet HTML 44Page - National Semiconductor (TI) PC87309 Datasheet HTML 45Page - National Semiconductor (TI) PC87309 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
42
www.national.com
3.3.5
Main Status Register (MSR)
This read-only register indicates the current status of the
Floppy Disk Controller (FDC), indicates when the disk con-
troller is ready to send or receive data through the Data
Register (FIFO) and controls the flow of data to and from the
Data Register (FIFO).
The MSR can be read at any time. It should be read before
each byte is transferred to or from the Data Register (FIFO)
except during a DMA transfer. No delay is required when
reading this register after a data transfer.
The microprocessor can read the MSR immediately after a
hardware or software reset, or recovery from a power down.
The MSR contains a value of 00h, until the FDC clock has
stabilized and the internal registers have been initialized.
When the FDC is ready to receive a new command, it re-
ports a value of 80h for the MSR to the microprocessor.
System software can poll the MSR until the MSR is ready.
The MSR must report an 80h value (RQM set to 1) within
2.5 msec after reset or power up.
Bit 0 - Drive 0 Busy
This bit indicates whether or not drive 0 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
0.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 0.
0: Not busy.
1: Busy.
Bit 1 - Drive 1 Busy
This bit indicates whether or not drive 1 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
1.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 1.
0: Not busy.
1: Busy.
Bit 2 - Drive 2 Busy
This bit indicates whether or not drive 2 is busy.
It is set to 1 after the last byte of the command phase
of a SEEK or RECALIBRATE command is issued for
drive 2.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 2.
0: Not busy.
1: Busy.
Bit 3 - Drive 3 Busy
This bit indicates whether or not drive 3 is busy.
It is set to 1 after the last byte of the command phase
of a SEEK or RECALIBRATE command is issued for
drive 3.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 3.
0: Not busy.
1: Busy.
Bit 4 - Command in Progress
This bit indicates whether or not a command is in
progress. It is set after the first byte of the command
phase is written. This bit is cleared after the last byte of
the result phase is read.
If there is no result phase in a command, the bit is
cleared after the last byte of the command phase is
written.
0: No command is in progress.
1: A command is in progress.
Bit 5 - Non-DMA Execution
This bit indicates whether or not the controller is in the
execution phase of a byte transfer operation in non-
DMA mode.
This bit is used for multiple byte transfers by the micro-
processor in the execution phase through interrupts or
software polling.
0: The FDC is not in the execution phase.
1: The FDC is in the execution phase.
Bit 6 - Data I/O (Direction)
Indicates whether the controller is expecting a byte to be
written or read, to or from the Data Register (FIFO).
0: Data will be written to the FIFO.
1: Data will be read from the FIFO.
Bit 7 - Request for Master (RQM)
This bit indicates whether or not the controller is ready
to send or receive data from the microprocessor through
the Data Register (FIFO). It is cleared to 0 immediately
after a byte transfer and is set to 1 again as soon as the
disk controller is ready for the next byte.
During a Non-DMA execution phase, this bit indicates
the status of the interrupt.
0: Not ready. (Default)
1: Ready to transfer data.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Main Status
Register (MSR)
Offset 04h
Drive 2 Busy
Non-DMA Execution
Data I/O Direction
RQM
Drive 1 Busy
Drive 3 Busy
Command in Progress
Drive 0 Busy
Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com