Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 61Page - National Semiconductor (TI) PC87309 Datasheet HTML 62Page - National Semiconductor (TI) PC87309 Datasheet HTML 63Page - National Semiconductor (TI) PC87309 Datasheet HTML 64Page - National Semiconductor (TI) PC87309 Datasheet HTML 65Page - National Semiconductor (TI) PC87309 Datasheet HTML 66Page - National Semiconductor (TI) PC87309 Datasheet HTML 67Page - National Semiconductor (TI) PC87309 Datasheet HTML 68Page - National Semiconductor (TI) PC87309 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
65
www.national.com
Eighth Command Phase Byte - Bytes Between Sectors -
Gap 3
The value in this byte specifies how many bytes there
are between sectors. See “Fifth Command Phase Byte
- Bytes in Gap 3” on page 57.
Ninth Command Phase Byte - Data Length (Obsolete)
The value in this byte is ignored and must be set to FFh.
Execution Phase
In this phase, data read from the disk drive is transferred to
the system via DMA or non-DMA modes. See Section 3.4.2
on page 45.
The controller looks for the track number specified in the
third command phase byte. If implied seeks are enabled,
the controller also performs all operations of a SENSE IN-
TERRUPT command and of a SEEK command (without is-
suing these commands). Then, the controller waits the head
settle time. See bits 3-0 of the fourth command phase byte
of the MODE command in “Bits 3-0 - Head Settle Factor” on
page 61.
The controller then starts the data separator and waits for
the data separator to find the address field of the next sec-
tor. The controller compares the ID information (track num-
ber, head number, sector number, bytes-per-sector code) in
that address field with the corresponding information in the
command phase bytes of the READ DATA command.
If the contents of the bytes do not match, then the controller
waits for the data separator to find the address field of the
next sector. The process is repeated
until a match or an
error occurs.
Possible errors, the conditions that may have caused them
and the actions that result are:
q
The microprocessor aborted the command by writing to
the FIFO.
If there is no disk in the drive, the controller gets stuck.
The microprocessor must then write a byte to the FIFO
to advance the controller to the result phase.
q
Two pulses of the INDEX signal were detected since the
search began, and no valid ID was found.
If the track address differs, either the Wrong Track bit
(bit 4) or the Bad Track bit (bit 1) (if the track address is
FFh) is set in result phase Status register 2 (ST2). See
Section 3.5.3 on page 49.
If the head number, sector number or bytes-per-sector
code did not match, the Missing Data bit (bit 2) is set in
result phase Status register 1 (ST1).
If the Address Mark (AM) was not found, the Missing Ad-
dress Mark bit (bit 0) is set in ST1.
Section 3.5.2 on page 49 describes the bits of ST1.
q
A CRC error was detected in the address field. In this
case the CRC Error bit (bit 5) is set in ST1.
Once the address field of the desired sector is found, the
controller waits for the data separator to find the data field
for that sector.
If the data field (normal or deleted) is not found within the
expected time, the controller terminates the operation, en-
ters the result phase and sets bit 0 (Missing Address Mark)
in ST1.
If a deleted data mark is found, and Skip (SK) control is set
to 1 in the opcode command phase byte, the controller skips
this sector and searches for the next sector address field as
described above. The effect of Skip Control (SK) on the
READ DATA command is summarized in TABLE 3-16 on
page 65.
TABLE 3-16. Skip Control Effect on READ DATA
Command
After finding the data field, the controller transfers data
bytes from the disk drive to the host until the bytes-per-sec-
tor count has been reached, or until the host terminates the
operation by issuing the Terminal Count (TC) signal, reach-
ing the end of the track or reporting an overrun.
See also Section 3.4 on page 45.
The controller then generates a Cyclic Redundancy Check
(CRC) value for the sector and compares the result with the
CRC value at the end of the data field.
After reading the sector, the controller reads the next logical
sector unless one or more of the following termination con-
ditions occurs:
q
The DMA controller asserted the Terminal Count (TC)
signal to indicate that the operation terminated. The In-
terrupt Code (IC) bits (bits 7,6) in ST0 are set to normal
termination (00). See “Bits 7,6 - Interrupt Code (IC)” on
page 48.
q
The last sector address (of side 1, if the Multi-Track en-
able bit (MT) was set to 1) was equal to the End of Track
sector number. The End of Track bit (bit 7) in ST1 is set.
The IC bits in ST0 are set to abnormal termination (01).
This is the expected condition during non-DMA transfers.
q
Overrun error. The Overrun bit (bit 4) in ST1 is set. The
Interrupt Code (IC) bits (bits 7,6) in ST0 are set to abnor-
mal termination (01). If the microprocessor cannot ser-
vice a transfer request in time, the last correctly read
byte is transferred.
q
CRC error. CRC Error bit (bit 5) in ST1 and CRC Error in
Data Field bit (bit 5) in ST2, are set. The Interrupt Code (IC)
bits (bits 7,6) in ST0 are set to abnormal termination (01).
If the Multi-Track (MT) bit was set in the opcode command
byte, and the last sector of side 0 has been transferred, the
controller continues with side 1.
Skip
Control
(SK)
Data
Type
Sector
Read?
Control
Mark Bit 6
of ST2
Result
0
Normal
Y
0
Normal
Termination
0
Deleted
Y
1
No More
Sectors Read
1
Normal
Y
0
Normal
Termination
1
Deleted
N
1
Sector Skipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com