Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 58Page - National Semiconductor (TI) PC87309 Datasheet HTML 59Page - National Semiconductor (TI) PC87309 Datasheet HTML 60Page - National Semiconductor (TI) PC87309 Datasheet HTML 61Page - National Semiconductor (TI) PC87309 Datasheet HTML 62Page - National Semiconductor (TI) PC87309 Datasheet HTML 63Page - National Semiconductor (TI) PC87309 Datasheet HTML 64Page - National Semiconductor (TI) PC87309 Datasheet HTML 65Page - National Semiconductor (TI) PC87309 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
62
www.national.com
11: The polarity of the DENSEL signal is defined by the
DENSEL Polarity bit (bit 5) of the SuperI/O FDC
configuration register. See page “Bit 5 - DENSEL
Polarity Control” on page 30. (Default)
TABLE 3-13. DENSEL Encoding
Execution Phase
Internal registers are written.
Result Phase
None.
3.7.8
The NSC Command
The NSC command can be used to distinguish between the
FDC versions and the 82077.
Command Phase
Execution Phase
Result Phase.
The result phase byte of the NSC command identifies the
floppy disk controller (FDC) as a PC87309 by returning a
value of 73h.
The 82077 and DP8473 return the value 80h, signifying an
invalid command.
Bits 3-0 of this result byte are subject to change by NSC,
and specify the version of the Floppy Disk Controller (FDC)
3.7.9
The PERPENDICULAR MODE Command
The PERPENDICULAR MODE command configures each
of the four logical disk drives for perpendicular or conven-
tional mode via the logical drive configuration bits 1,0 or 5-
2, depending on the value of bit 7. The default mode is con-
ventional. Therefore, if the drives in the system are conven-
tional, it is not necessary to issue a PERPENDICULAR
MODE command.
This command supports the unique FORMAT TRACK and
WRITE DATA requirements of perpendicular (vertical) re-
cording disk drives with a 4 MB unformatted capacity.
Perpendicular recording drives operate in extra high density
mode at 1 or 2 Mbps, and are downward compatible with
1.44 MB and 720 KB drives at 500 kbps (high density) and
250 kbps (double density), respectively.
If the system includes perpendicular drives, this command
should be issued during initialization of the FDC. Then,
when a drive is accessed for a FORMAT TRACK or WRITE
DATA command, the FDC adjusts the command parame-
ters based on the data rate. See TABLE 3-14 on page 63.
Precompensation is set to zero for perpendicular drives at
any data rate.
Perpendicular recording type disk drives have a pre-erase
head that leads the read or write head by 200
µm, which
translates to 38 bytes at a 1 Mbps data transfer rate (19
bytes at 500 Kbps).
The increased space between the two heads requires a
larger gap 2 between the address field and data field of a
sector at 1 or 2 Mbps. See Perpendicular Format in FIG-
URE 3-5 on page 59. A gap 2 length of 41 bytes (at 1 or 2
Mbps) ensures that the preamble in the data field is com-
pletely pre-erased by the pre-erase head.
Also, during WRITE DATA operations to a perpendicular
drive, a portion of gap 2 must be rewritten by the controller
to guarantee that the data field preamble has been pre-
erased. See TABLE 3-14 on page 63.
Command Phase
Second Command Phase Byte
A hardware reset clears all the bits to zero (conventional
mode for all drives). PERPENDICULAR MODE command
bits may be written at any time.
The settings of bits 1 and 0 in this byte override the logical
drive configuration set by bits 5 through 2. If bits 1 and 0 are
both 0, bits 5 through 2 configure the logical disk drives as
conventional or perpendicular. Otherwise, bits 2 and 0 con-
figure them. See TABLE 3-21 on page 72.
Bits 1,0 - Group Drive Mode Configuration (GDC)
These bits configure all the logical disk drives as con-
ventional or perpendicular. If the Overwrite bit (OW, bit
7) is 0, this setting may be overridden by bits 5-2.
It is not necessary to issue the FORMAT TRACK com-
mand if all drives are conventional.
These bits are cleared to 0 by a software reset.
00: Conventional. (Default)
Bit 7
Bit 6
DENSEL Pin Definition
0
0
DENSEL low
0
1
DENSEL high
1
0
undefined
1
1
Set by bit 5 of the SuperI/O FDC
configuration register at offset F0h.
76543210
00011000
76543210
01110011
76543210
00010010
OW
0
DC3
DC2
DC1
DC0
GDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com