Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 30Page - National Semiconductor (TI) PC87309 Datasheet HTML 31Page - National Semiconductor (TI) PC87309 Datasheet HTML 32Page - National Semiconductor (TI) PC87309 Datasheet HTML 33Page - National Semiconductor (TI) PC87309 Datasheet HTML 34Page - National Semiconductor (TI) PC87309 Datasheet HTML 35Page - National Semiconductor (TI) PC87309 Datasheet HTML 36Page - National Semiconductor (TI) PC87309 Datasheet HTML 37Page - National Semiconductor (TI) PC87309 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
34
www.national.com
3.0
The Floppy Disk Controller (FDC)
(Logical Device 0)
The Floppy Disk Controller (FDC) is suitable for all PC-AT,
EISA, PS/2, and general purpose applications. DP8473 and
N82077 software compatibility is provided. Key features in-
clude a 16-byte FIFO, PS/2 diagnostic register support, per-
pendicular recording mode, CMOS disk input and output
logic, and a high performance Digital Data Separator (DDS).
Figure 3-1 shows a functional block diagram of the FDC.
The rest of this chapter describes the FDC functions, data
transfer, the FDC registers, the phases of FDC commands,
the result phase status registers and the FDC commands,
in that order.
3.1
FDC FUNCTIONS
FDC functions are enabled when the FDC Function Enable
bit (bit 3) of the Function Enable Register 1 (FER1) at offset
00h in logical device 8 is set to 1. See Section 7.2.3 on page
155.
The PC87309 is software compatible with the DP8473 and
82077 Floppy Disk Controllers. Upon a power-on reset, the
16-byte FIFO is disabled. Also, the disk interface output sig-
nals are configured as active push-pull output signals,
which are compatible with both CMOS input signals and
open-collector resistor terminated disk drive input signals.
The FIFO can be enabled with the CONFIGURE command.
The FIFO can be very useful at high data rates, with sys-
tems that have a long DMA bus latency, or with multi-task-
ing systems such as the EISA or MCA bus structures.
The FDC supports all the DP8473 MODE command fea-
tures as well as some additional features. These include
control over the enabling of the FIFO for read and write op-
erations, disabling burst mode for the FIFO, a bit that will
configure the disk interface outputs as open-drain output
signals, and programmability of the DENSEL output signal.
DRATE0 and DENSEL pins are not available in the default
configuration of Two-UART mode. You may optionally se-
lect them on other FDC pins or on IR pins. When working
with no DRATE0 or DENSEL, you must set the BIOS and
the floppy drive to support this operation.
3.1.1
Microprocessor Interface
The Floppy Disk Controller (FDC) receives commands,
transfers data, and returns status information via an FDC
microprocessor interface. This interface consists of the
A9-3, AEN, RD, and WR signals, which access the chip for
read and write operations; the data signals D7-0; the ad-
dress lines A2-0, which select the appropriate register (see
TABLE 3-1 on page 38) an IRQ signal, and the DMA inter-
face signals DRQ, DACK, and TC.
3.1.2
System Operation Modes
The FDC operates in PC-AT or PS/2 drive mode, depending
on the value of bit 2 of the SuperI/O Configuration 1 register
at index 21h. See Section 2.4.2 on page 28.
FIGURE 3-1. FDC Functional Block Diagram
Internal Control and Data Bus
Interface
Logic
Address
Decoder
DMA
Enable
Logic
Main Status
Register
16-Byte
FIFO
(MSR)
PC8477B
Micro-Engine
and
Timing/Control
Logic
Data Rate
Selection
Register
(DSR)
Configuration
Control
Register
(CCR)
2 KB x 16
Micro-Code
Status
Register A
Status
Register B
Digital Input
Register
(DIR)
Digital Output
Register
(DOR)
Write
Precompen-
Digital
Data
Separator
(DDS)
Disk
Input
and
Output
Logic
DRATE0
DENSEL
DIR
DR1
HDSEL
MTR0
sator
MTR1
STEP
WGATE
WDATA
DSKCHG
INDEX
RDATA
TRK0
WP
RD
FDC Chip
WR
A2-0
Reset
D7-0
FDC DMA
TC
FDC DMA
Interrupt
FDC Clock
Select
Acknowledge
Request
DR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com