Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 25Page - National Semiconductor (TI) PC87309 Datasheet HTML 26Page - National Semiconductor (TI) PC87309 Datasheet HTML 27Page - National Semiconductor (TI) PC87309 Datasheet HTML 28Page - National Semiconductor (TI) PC87309 Datasheet HTML 29Page - National Semiconductor (TI) PC87309 Datasheet HTML 30Page - National Semiconductor (TI) PC87309 Datasheet HTML 31Page - National Semiconductor (TI) PC87309 Datasheet HTML 32Page - National Semiconductor (TI) PC87309 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
Configuration
29
www.national.com
Bit 4 - KBC-Lock
This bit Locks the access to the configuration registers
of the KBC, Logical Device 6.
0: Access is enabled.
1: Access is disabled. Writes are ignored and reads
returns 0 upon access to Logical Device 6.
Bit 5 - Lock Scratch Bit
This bit controls bits 7 and 6 of this register. Once this
bit is set to 1 by software, it can be cleared to 0 only by
a hardware reset.
0: Bits 7 and 6 of this register are read/write bits.
1: Bits 7 and 6 of this register are read only bits.
Bits 7,6 - General Purpose Scratch Bits
When bit 5 is set to 1, these bits are read only. After re-
set they can be read or written. Once changed to read-
only, they can be changed back to be read/write bits
only by a hardware reset.
2.4.3
SuperI/O Configuration 2 Register (SIOCF2)
This is a read/write register in Two-UART mode only. (In
Full-IR mode, it is a read only 00h register and cannot be
modified.) It controls the function multiplexing of the follow-
ing pins:
q
Pin 43 - IRRX/P12/DRATE0
q
Pin 44 - IRTX/DENSEL
q
Pin 45 - MTR0/DRATE0
q
Pin 46 - MTR1/P12
q
Pin 48 - DR1/DENSEL
In addition, it controls the function of DR0,1 pins when
MTR0,1 are de-selected.
Configuring the same function by software on more than
one pin is illegal, and may cause unpredictable results.
Bit 0 - MTR0/DRATE0 Select
0: Pin 45 is MTR0
1: Pin 45 is DRATE0 (with MTR0 DC characteristics)
Bit 1 - MTR1/P12 Select
0: Pin 46 is MTR1
1: Pin 46 is P12 (open drain with MTR1 current sink
characteristics)
Bit 2 - DR0,1 Function
DR0 and DR1 function in a single, motor-drive-select
operation. DR0 is affected only when MTR0 is de-se-
lected (bit 0 is set to 1); DR1 is affected only when MTR1
is de-selected (bit 1 is set to 1).
0: No change in DR0,1 function
1: DR0,1 become a logical OR of DR0,1 and MTR0,1
when bits 0,1 are set to 1, respectively.
Bit 3 - DR1/DENSEL Select
0: Pin 48 is DR1
1: Pin 48 is DENSEL
Bits 5,4 - IRRX/P12/DRATE0 Select
X0: Pin 43 is IRRX1
01: Pin 43 is P12
11: Pin 43 is DRATE0
Bit 6 - IRTX/DENSEL Select
0: Pin 44 is IRTX
1: Pin 44 is DENSEL (with IRTX DC characteristics)
Bit 7 - Reserved
This is read only 0.
2.4.4
SRID Register
This read-only register contains the identity number of the
chip revision. SRID is incremented on each revision.
76543210
Reset
Required
0
0
0
0
0
0
0
0
SuperI/O Configuration 2
Index 22h
Register (SIOCF2),
MTR0/DRATE0 Select
MTR1/P12 Select
DR0,1 Function
DR1/DENSEL Select
IRRX1/P12/DRATE0 Select
IRTX/DENSEL Select
Reserved
76543210
Reset
Required
x
x
x
x
x
x
x
x
SRID
Index 27h
Register,
Chip Revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com