Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 135Page - National Semiconductor (TI) PC87309 Datasheet HTML 136Page - National Semiconductor (TI) PC87309 Datasheet HTML 137Page - National Semiconductor (TI) PC87309 Datasheet HTML 138Page - National Semiconductor (TI) PC87309 Datasheet HTML 139Page - National Semiconductor (TI) PC87309 Datasheet HTML 140Page - National Semiconductor (TI) PC87309 Datasheet HTML 141Page - National Semiconductor (TI) PC87309 Datasheet HTML 142Page - National Semiconductor (TI) PC87309 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
139
www.national.com
Bits 7-0 - Transmitted Data
Used to access the Transmitter Holding Register when
the FIFOs are disabled or the top of TX_FIFO when the
FIFOs are enabled.
6.5.2
Interrupt Enable Register (IER)
This register controls the enabling of various interrupts.
Some interrupts are common to all operating modes of the
module, while others are mode specific. Bits 4 to 7 can be
set in Extended mode only. They are cleared in Non-Ex-
tended mode. The bits of the Interrupt Enable Register
(IER) are defined differently, depending on operating the
module in Extended or Non-Extended mode.
The following sections describe the bits in this register for
each of these modes.
The reset mode for the IER is the Non-Extended UART
mode.
When edge-sensitive interrupt triggers are employed, user is
advised to clear all IER bits immediately upon entering the in-
terrupt service routine and to re-enable them prior to exiting
(or alternatively, to disable CPU interrupts and re-enable pri-
or to exiting). This will guarantee proper interrupt triggering in
the interrupt controller in case one or more interrupt events
occur during execution of the interrupt routine.
If the LSR, MSR or EIR registers are to be polled, interrupt
sources which are identified by self-clearing bits should
have their corresponding IER bits set to 0, to prevent spuri-
ous pulses on the interrupt output pin.
If an interrupt source must be disabled, the CPU can do so
by clearing the corresponding bit in the IER register. How-
ever, if an interrupt event occurs just before the correspond-
ing enable bit in the IER register is cleared, a spurious
interrupt may be generated. To avoid this problem, the
clearing of any IER bit should be done during execution of
the interrupt service routine. If the interrupt controller is pro-
grammed for level-sensitive interrupts, the clearing of IER
bits can also be performed outside the interrupt service rou-
tine, but with the CPU interrupt disabled.
Interrupt Enable Register (IER), in the Non-Extended
Mode
Upon reset, the IER supports the Non-Extended mode. See
the bitmap of the Interrupt Enable Register in these modes.
Bit 0 - Receiver High-Data-Level Interrupt Enable
(RXHDL_IE)
Setting this bit enables interrupts on Receiver High-
Data-Level, or RX_FIFO Time-Out events (EIR Bits 3-0
are 0100 or 1100. See Table 6-3 on page 141).
0: Disable Receiver High-Data-Level and RX_FIFO
Time-Out interrupts (Default).
1: Enable Receiver High-Data-Level and RX_FIFO
Time-Out interrupts.
Bit 1 - Transmitter Low-Data-Level Interrupt Enable
(TXLDL_IE)
Setting this bit enables interrupts on Transmitter Low
Data-Level-events (EIR Bits 3-0 are 0010. See Table
6-3 on page 141).
0: Disable Transmitter Low-Data-Level Interrupts (De-
fault).
1: Enable Transmitter Low-Data-Level Interrupts.
Bit 2 - Line Status Interrupt Enable (LS_IE)
Setting this bit enables interrupts on Line Status events.
(EIR Bits 3-0 are 0110. See Table 6-3 on page 141).
0: Disable Line Status Interrupts (LS_EV) (Default).
1: Enable Line Status Interrupts (LS_EV).
Bit 3 - Modem Status Interrupt Enable (MS_IE)
Setting this bit enables the interrupts on Modem Status
events. (EIR Bits 3-0 are 0000. See Table 6-3 on page
141).
0 - Disable Modem Status Interrupts (MS_EV) (De-
fault).
1: Enable Modem Status Interrupts (MS_EV).
Bits 7-4- Reserved
These bits are reserved.
76543210
Reset
Required
Transmitter Data
Port (TXD)
Bank 0,
Transmitted Data
Offset 00h
76543210
Reset
Required
0
0
0
0
0
0
0
0
MS_IE
Reserved
Interrupt Enable
RXHDL_IE
TXLDL_IE
LS_IE
Register (IER)
Bank 0,
IER in Non-Extended Modes
Offset 01h
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com