Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 177Page - National Semiconductor (TI) PC87309 Datasheet HTML 178Page - National Semiconductor (TI) PC87309 Datasheet HTML 179Page - National Semiconductor (TI) PC87309 Datasheet HTML 180Page - National Semiconductor (TI) PC87309 Datasheet HTML 181Page - National Semiconductor (TI) PC87309 Datasheet HTML 182Page - National Semiconductor (TI) PC87309 Datasheet HTML 183Page - National Semiconductor (TI) PC87309 Datasheet HTML 184Page - National Semiconductor (TI) PC87309 Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 192 page
background image
Device Specifications
181
www.national.com
10.3.11 ECP DMA Timing
1. One DMA transaction takes six clock cycles.
2. tCP is defined in Section 10.3.2 on page 171.
3. Only in case of pending DRQ.
4. The active edge of RD or WR and TC is recognized only when DACK is active.
Symbol
Parameter
Min
Max
Unit
tKIP
DACK Inactive Pulse Width
25
nsec
tKKP
DACK Active Pulse Width
65
nsec
tKQP
DACK Active Edge to DRQ Inactive12
65 + (6 x 32 x tCP)
nsec
tQKP
DRQ to DACK Active Edge
10
nsec
tQPP
DRQ Period
330
nsec
tQQP
DRQ Inactive Non-Burst Pulse Width
300
4003
nsec
tQRP
DRQ to RD, WR Active
15
nsec
tRQP
RD, WR Active Edge to DRQ Inactive4
65
nsec
tTQP
TC Active Edge to DRQ Inactive
75
nsec
tTT
TC Active Pulse Width
50
nsec
tQKP
tKQP
tQPP
tTT
tKKP
tQRP
tQQP
tKIP
tRQP
tTQP
DRQ
DACK
RD, WR
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com