Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 184Page - National Semiconductor (TI) PC87309 Datasheet HTML 185Page - National Semiconductor (TI) PC87309 Datasheet HTML 186Page - National Semiconductor (TI) PC87309 Datasheet HTML 187Page - National Semiconductor (TI) PC87309 Datasheet HTML 188Page - National Semiconductor (TI) PC87309 Datasheet HTML 189Page - National Semiconductor (TI) PC87309 Datasheet HTML 190Page - National Semiconductor (TI) PC87309 Datasheet HTML 191Page - National Semiconductor (TI) PC87309 Datasheet HTML 192Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 191 / 192 page
background image
191
Glossary
www.national.com
SIR
Serial Infrared mode.
SIR_PW
SIR Pulse Width control for UART2.
SPP
The Standard Parallel Port configuration of the Par-
allel Port device supports the Compatible SPP
mode and the Extended PP mode.
SRA and SRB
Status Registers A and B of the FDC.
ST0, ST1, ST2 and ST3
Status registers 0, 1, 2 and 3 of the FDC.
STR
Status Register of the Parallel Port in SPP modes.
TDR
Tape Drive Register of the FDC.
TFIFO
Test FIFO for the Parallel Port in Extended Capabil-
ities Port (ECP) mode 110.
TV-Remote Mode
See Consumer Remote Control mode.
Two-UART mode
In this mode, the PC87309 decodes address lines
A0-A11. UART2 provides a 16550 UART with
SIN2/SOUT2 interface signals only or a partially IR
support with IRRX and IRTX signals only. The
mode is configured during reset, via CFG0 strap
pin.
TXFLV
Transmission FIFO Level for the UARTs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com