Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 25Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Revision 0.2 March 10, 2000
-22-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
PHY Control Registers
Memory Offset EC – PHY Control ............................... RW
This register is used to read or write a PHY register. To read
or write, the address of the register is written into the Register
Address field. For reads the “Read Register” bit is set (when
the request has been sent to the PHY, the “Read Register” bit
is cleared automatically by the chip). When transmitting the
request, the first clock for LREQ for the register read/write
portion will be bit-11 of this register followed by bit-10, etc,
finishing with bit-8 for register reads and bit-0 for register
writes. When the PHY returns the register through a status
transfer, the “Read Done” bit is set.
The address of the
register received is placed in the “Read Address” field and the
contents in the “Read Data” field.
The first bits of data
received on the status transfer for the register are placed in
bits 27 (D[0]) and 26 (D[1]) of this register. For writes, the
value to write is written to the “Write Data” field and the
“Write Register” bit is set.
The “Write Register” bit is
cleared automatically by the chip when the write request has
been sent to the PHY.
31
Read Done
Indicates that a read request has been completed and
valid information is contained in the Read Data and
Read Address fields.
Cleared when the “Read
Register” bit is set.
It is set by the chip when a
register transfer is received from the PHY.
30-28 Reserved
...................................... always reads 0
27-24 Read Address
The address of the register most recently received
from the PHY.
23-16 Read Data
The contents of the register most recently received
from the PHY
15
Read Register
Used to initiate a read request from a PHY register
(must not be set at the same time as the “Write
Register” bit). Cleared by the chip when the request
has been sent.
14
Write Register
Used to initiate a write request to a PHY register
(must not be set at the same time as the “Read
Register” bit). Cleared by the chip when the request
has been sent.
13-12 Reserved
...................................... always reads 0
11-8 Register Address
The address of the PHY register to be read or written
7-0
Write Data
The data to be written to the PHY (ignored for reads)
Cycle Timer Registers
Memory Offset F0 – Isochronous Cycle Timer..............RW
This register shows the current cycle number and offset.
When the chip is cycle master, this register is transmitted
with the cycle start message. When it is not cycle master, this
register is loaded with the data field in an incoming cycle
start. In the event that the cycle start message is not received,
the fields continue incrementing on their own (when the
“Cycle Timer Enable” field is set in the “Link Control”
register) to maintain a local time reference.
31-25 Cycle Seconds .........................................default = 0
This field counts seconds (“Cycle Count” rollovers)
modulo 128.
24-12 Cycle Count ............................................default = 0
This field counts cycles (“Cycle Offset” rollovers)
modulo 8000.
11-0 Cycle Offset ............................................default = 0
This field counts 24.576 MHz clocks modulo 3072
(125 usec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com