Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Revision 0.2 March 10, 2000
-11-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Register Descriptions
1394 Host Controller Configuration Registers (Function 0)
The 1394 host controller interface follows the Open HCI
(OHCI) interface specification. There are two sets of software
accessible registers: configuration registers and memory
registers.
The configuration registers are located in the
function 0 PCI configuration space. The memory registers
are located in system memory space at offsets from the
address stored in the Base Address Register.
Configuration Space Header
Offset 1-0 - Vendor ID ....................................................RO
0-7
Vendor ID ................ (1106h = VIA Technologies)
Offset 3-2 - Device ID......................................................RO
0-7
Device ID
(0130h = VT6305 1394 Controller)
Offset 5-4 - Command.................................................... RW
15-10 Reserved
...................................... always reads 0
9
Fast Back-to-Back Enable ....... fixed at 0 (disabled)
8
SERR# Enable .......................... fixed at 0 (disabled)
7
Wait Cycle Control................... fixed at 0 (disabled)
6
Parity Error Response.............. fixed at 0 (disabled)
5
VGA Palette Snoop................... fixed at 0 (disabled)
4
Postable Memory Write Enablefixed at 0 (disabled)
3
Special Cycle Enable ................ fixed at 0 (disabled)
2
Bus Master Enable
0
Disable................................................. default
1
Enable
1
Memory Space Enable
0
Disable................................................. default
1
Enable Access to 1394 Memory Registers
0
I/O Space Enable...................... fixed at 0 (disabled)
Offset 7-6 - Status ........................................................ RWC
15
Detected Parity Error.......................always reads 0
14
Signalled System Error.....................always reads 0
13
Received Master Abort
0
No Master Abort Generated..................default
1
Master Abort Generated by 1394 Controller.
Set by the 1394 interface logic if it generates a
master abort while acting as a master. This
bit may be cleared by software by writing a
one to this bit position.
12
Received Target Abort
0
No Target Abort Received ....................default
1
Target Abort Received by 1394 Controller.
Set by the 1394 interface logic if it receives a
target abort while acting as a master. This bit
may be cleared by software by writing a one to
this bit position.
11
Signalled Target Abort .....................always reads 0
10-9 DEVSEL# Timing
00 Fast
01 Medium.................................................. fixed
10 Slow
11 Reserved
8
Data Parity Error Detected ..............always reads 0
7
Fast Back-to-Back Capable..............always reads 1
6
User Definable Features ...................always reads 0
5
66 MHz Capable ...............................always reads 0
4-0
Reserved
......................................always reads 0
Offset 8 - Revision ID (nnh)............................................ RO
7-0
Silicon Revision Code (0 indicates first silicon)
Offset 9 - Programming Interface (10h=OHCI) ............. RO
Offset A - Sub Class Code (00h=1394 Serial Bus) .......... RO
Offset B - Base Class Code (0Ch=Serial Bus Controller) RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com