Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Revision 0.2 March 10, 2000
-6-
Pinouts
Technologies, Inc.
We Connect
We Connect
1394 PHY Interface
Signal Name
Pin No.
I/O
Signal Description
PHYD[7:0]
114, 113, 112, 111,
109, 108, 107, 106
IO
PHY Data.
PHYCTL1
117
IO
PHY Control 1.
PHYCTL0
116
IO
PHY Control 0.
PHYCLK
104
I
PHY Clock.
PHYLREQ
119
O
PHY Link Request.
PHYLON
120
I
PHY Link On.
PHYLPS
100
I
PHY Link
Serial Configuration Memory Interface
Signal Name
Pin No.
I/O
Signal Description
EECS#
59
O
EEPROM Chip Select. Chip select for external serial EEPROM when used to
provide configuration data. A high-value pull-up resistor is provided internally.
EEDO / MD0
60
O / I
EEPROM Data Out.
EEDI / MD1
61
I / I
EEPROM Data In.
EECK / MD2
63
O / I
EEPROM Clock.
Local Memory Interface
Signal Name
Pin No.
I/O
Signal Description
MD[7:0]
IO
Memory Data. Pins optionally used for device bay if local memory not used
MA[15:0]
O
Memory Address. Pins optionally used for device bay if local memory not used
MCS#
74
O
Memory Chip Select.
MRD#
73
O
Memory Read Enable.
MWR#
72
O
Memory Write Enable.
Miscellaneous
Signal Name
Pin No.
I/O
Signal Description
PME#
128
O
Power Management Event.
PCIISO
99
IO
General Purpose I/O.
GPIO1 / DB0LEN
70
IO / O
General Purpose I/O.
GPIO2 / DB3PEN
96
IO / O
General Purpose I/O.
GPIO3 / DB3LEN
97
IO / O
General Purpose I/O.
GPIO4
98
IO
General Purpose I/O.
Power and Ground
Signal Name
Pin No.
I/O
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com