Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Revision 0.2 March 10, 2000
-5-
Pinouts
Technologies, Inc.
We Connect
We Connect
Pin Descriptions
Table 1. VT6305 Pin Descriptions
PCI Bus Interface
Signal Name
Pin No.
I/O
Signal Description
AD[31:0]
1, 2, 4, 5, 7-10,
13, 15, 17-22, 36,
39, 41-44, 46, 47,
49-51, 53, 55-58
IO
Address / Data Bus. The standard PCI address and data lines. The address is
driven with FRAME# assertion and data is driven or received in following cycles.
CBE[3:0]#
11, 24, 35, 48
IO
Command / Byte Enable. The command is driven with FRAME# assertion. Byte
enables corresponding to supplied or requested data are driven on following clocks.
FRAME#
25
IO
Frame. Assertion indicates the address phase of a PCI transfer. Negation indicates
that one more data transfer is desired by the cycle initiator.
DEVSEL#
29
IO
Device Select.
As an output, this signal is asserted to claim PCI transactions
through positive or subtractive decoding.
As an input, DEVSEL# indicates the
response to a VT6305-initiated transaction and is also sampled when decoding
whether to subtractively decode the cycle.
TRDY#
28
IO
Target Ready. Asserted when the target is ready for data transfer.
IRDY#
27
IO
Initiator Ready. Asserted when the initiator is ready for data transfer.
PREQ#
127
O
PCI Bus Request. Asserted by the bus master to indicate to the bus arbiter that it
wants to use the bus.
PGNT#
126
I
PCI Bus Grant. Asserted to indicate that access to the bus is granted.
IDSEL
12
O
Initialization Device Select. IDSEL is used as a chip select during configuration
read and write cycles.
INTA#
122
O
Interrupt A. An asynchronous signal used to request an interrupt.
INTB#
121
O
Interrupt B. An asynchronous signal used to request an interrupt.
PCLK
124
I
PCI Clock. Timing reference for all transactions on the PCI Bus.
RESET#
123
I
Reset.
When detected low, an internal hardware reset is performed. PCIRST#
assertion or deassertion may be asynchronous to PCLK, however, it is recommended
that deassertion be synchronous to guarantee a clean and bounce free edge.
PAR
34
IO
Parity. A single parity bit is provided over AD[31:0] and C/BE[3:0]#.
PERR#
31
O
Parity Error. Parity error is asserted when a data parity error is detected.
SERR#
32
O
System Error. SERR# is pulsed active to indicate a system error condition.
STOP#
30
IO
Stop. Asserted by the target to request the master to stop the current transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com