Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Revision 0.2 March 10, 2000
-27-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Isochronous Receive Context Registers
Offset 400 (Set), 404 (Clr) – Isoch Rcv Context 0 ......... RW
Offset 420 (Set), 424 (Clr) – Isoch Rcv Context 1 ......... RW
Offset 440 (Set), 444 (Clr) – Isoch Rcv Context 2 ......... RW
Offset 460 (Set), 464 (Clr) – Isoch Rcv Context 3 ......... RW
These registers are the Context Control registers for
Isocchronous Receive Contexts 0-3. Each context consists of
three registers:
a Command Pointer, a Context Control
register, and a Context Match register.
The Command
Pointer is used by software to tell the controller where the
context program begins.
The Context Control register
controls the context’s behavior and indicates current status.
The Context Match Register is used to start transmitting from
a context program on a specified cycle number.
The bit
layout for the Context Control registers is given below:
31
Buffer Fill
0
Each received packet is placed in a single
buffer
1
Received packets are placed back-to-back to
completely fill each receive buffer
If the “Multi-Channel Mode” bit is set, this bit must
also be set. This bit must not be changed while the
“Active” bit is set.
30
Isoch Header
0
The packet header is stripped from received
isochronous packets
1
Received packets will include the isochronous
packet header (the header will be stored first
in memory followed by the payload). The end
of the packet will be marked with a “Transfer
Status” (bits 15-0 of this register) in the first
word followed by a 16-bit time stamp
indicating the time of the most recently
received “Cycle Start” packet.
29
Cycle Match Enable
0
Context will begin running immediately
1
Context will begin running only when the 13-
bit “Cycle Match” field in the “Context
Match” register matches the 13-bit “Cycle
Count” in the Cycle Start packet.
The effects of this bit are impacted by the values of
other bits in this register. Once the context becomes
active, this bit is cleared automatically by the chip.
28
Multi-Channel Mode
0
The context will receive packets for a single
channel.
1
The context will receive packets for all
isochronous channels enabled in the “IR
Channel Mask High” and “IR Channel Mask
Low” registers (the channel number in the
“Context Match” register is ignored). If more
than one Context Control register has the
Multi-Channel Mode bit set, unspecified
behavior will result.
27-16 Reserved
......................................always reads 0
15
Run
This bit is set and cleared by software to enable
descriptor processing for a context. The chip will
clear this bit automatically on a hardware or software
reset.
Before software sets this bit, the active bit
must be clear and the Command Pointer register for
the context must contain a valid descriptor block
address and a Z value that is appropriate for the
descriptor block address.
Software may stop the chip from further processing
of a context by clearing this bit. When cleared, the
chip will stop processing of the context in a manner
that will not impact the operation of any other
context or DMA controller.
This may require a
significant amount of time.
If software clears the
run bit while the chip is processing a packet for the
context, it will continue to receive or transmit the
packet and update descriptor status. It will then stop
at the conclusion of that packet.
Clearing the bit may have other side effects that are
DMA controller dependent. This is described in the
sections that cover each of the DMA controllers.
14-13 Reserved
......................................always reads 0
12
Wake
............................................default = 0
When software adds to a list of descriptors for a
context, the chip may have already read the
descriptor that was at the end of the list before it was
updated. This bit provides a semaphore to indicate
that the list may have changed.
If the chip had fetched a descriptor and the indicated
branch address had a Z value of zero, it will reread
the pointer value when the wake bit is set. If, on the
reread, the Z value is still zero, then the end of the
list has been reached and the chip will clear the
active bit. If, however, the Z value is now non-zero,
the chip will continue processing. If the wake bit is
set while the chip is active and has a Z value of non-
zero, it takes no special action.
The chip will clear this bit before it reads or rereads
a descriptor. The wake bit should not be set while
the run bit is zero.
11
Dead
............................................default = 0
This bit is set by the chip to indicate a fatal error in
processing a descriptor. When set, the active bit is
cleared. This bit is cleared when software clears the
run bit or on a hardware or software reset.
10
Active
............................................default = 0
This bit is set by the chip when software sets the run
bit or sets the wake bit while the run bit is set. The
chip will clear this bit:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com