Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Revision 0.2 March 10, 2000
-12-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Offset D - Latency Timer (00h) ..................................... RW
7-4
Latency Timer Count
PCI burst cycles generated by the VT6305 can last
indefinitely as long as PCI GNT# remains active. If
GNT# is negated after the burst is initiated, the
VT6305 limits the duration of the burst to the
number of PCI Bus clocks specified in this field.
3-0
Reserved
...................................... always reads 0
Offset E - Header Type (00h) .........................................RO
Offset 13-10 - Base Address – 1394 Register Space ...... RW
31-7 Base Address (128-Byte Space).............. default = 0
6-4
Reserved
...................................... always reads 0
3
Prefetechable .................................... always reads 0
Reads 0 to indicate that the 1394 register space is not
prefetchable.
2-1
Type
...................................... always reads 0
Reads 0 to indicate that the 1394 register space may
be located anywhere in the 32-bit address space.
0
Resource Type .................................. always reads 0
Reads 0 to indicate a request for memory space.
Offset 3C - Interrupt Line (00h) .....................................RO
Offset 3D - Interrupt Pin (01h=Drives INTA#)...............RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com