Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 26Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Revision 0.2 March 10, 2000
-25-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Table 3. Packet Event Codes
Code
Name
DMA
Meaning
00/10 Event Tcode Error AT, AR,
IT, IR, IT
A bad Tcode is associated with this packet. The packet was flushed.
01/11
Event Short
Packet
The received data length was less than the packet’s data length (IR packet-per-buffer
mode only).
02/12 Event Long Packet
IR
The received data length was greater than the packet’s data length (IR packet-per-
buffer mode only).
03/13 Event Missing Ack
AT
A subaction gap was detected before an ack arrived
04/14
Event Underrun
AT, IT
An underrun occurred on the corresponding FIFO and the packet was truncated.
05/15
Event Overrun
IR
A receive FIFO overflowed during the reception of an isochronous packet.
06/16
Event Descriptor
Read
AT, AR,
IT, IR
An unrecoverable error occurred while the Host Controller was reading a descriptor
block.
07/17
Event Data Read
AT, IT
An error occurred while the Host Controller was attempting to read from host memory
in the data stage of descriptor processing.
08/18
Event Data Write AR, IR, IT An error occurred while the Host Controller was attempting to write to host memory
in the data stage of descriptor processing.
09/19
Event Bus Reset
AR
Identifies a PHY packet in the receive buffer as being the synthesized bus reset packet
0A/1A
Event Timeout
AT
Indicates that the asynchronous transmit response packet expired and was not
transmitted
0B
Event Tcode Error
AT
A bad Tcode is associated with this packet. The packet was flushed.
0C-
0D/1B
-1D
Reserved
0E/1E
Event Unknown
AT, AR,
IT, IR
An error condition has occurred that cannot be represented by any other defined event
codes
0F/1F
Event Flushed
AT
Sent by the link side of the output FIFO when asynchronous packets are being flushed
due to a bus reset
11
Ack Complete
AT, AR,
IT, IR
The destination node has successfully accepted the packet. If the packet was a request
subaction, the destination node has successfully completed the transaction and no
response subaction shall follow.
The ack / err code for transmitted PHY, isochronous and broadcast packets, none of
which yield an ack code, will be set by hardware to “Ack Complete” unless an “Event
Underrun” or “Event Data Read” occurs.
12
Ack Pending
AT, AR
The destination node has successfully accepted the packet. If the packet was a request
subaction, a response subaction will follow at a later time. This code is not returned
for a response subaction.
13
Reserved
14
Ack Busy X
AT
The packet could not be accepted after max “ATretries” attempts and the last ack
received was “Ack Busy X.”
15
Ack Busy A
AT
The packet could not be accepted after max “ATretries” attempts and the last ack
received was “Ack Busy A." OHCI does not support the dual phase retry protocol for
transmitted packets, so this ack should not be received.
16
Ack Busy B
AT
The packet could not be accepted after max “ATretries” attempts and the last ack
received was “Ack Busy B" (see note for “Ack Busy A”).
17-1C
Reserved
1D
Ack Data Error
AT, IR
The destination node could not accept the block packet because the data field failed
the CRC check or because the length of the data block payload did not match the
length contained in the “Data Length” field. This code is not returned for any packet
that does not have a data blocik payload.
1E
Ack Type Error
AT, AR
Returned when a received block write request or received block read request is greater
than “max_rec”
1F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com