Electronic Components Datasheet Search
  English  ▼

X  

VT6305 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VT6305
Description  PCI 1394 Host Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6305 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VT6305 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6305 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Revision 0.2 March 10, 2000
-13-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
Controller-Specific Configuration Registers
Offset 43-40 –PCI HCI Control ......................................RO
insert bit definitions here
Offset 44 – Miscellaneous Control ................................. RW
7-1
Reserved
...................................... always reads 0
0
Lock GUID Registers
0
Global Unique ID Registers are RW..... default
1
Global Unique ID Registers are Read Only
Once set, this bit cannot be cleared except by PCI
Reset. The GUID registers are located in memory in
the 1394 register space.
Offset 46 – PHY Control ................................................RW
7-2
Reserved
......................................always reads 0
1
Isolated
0
Direct Environment
1
Isolated Environment
0
Multiple Speed Concatenation Disable
0
Packets
of
different
speeds
may
be
concatenated as long as the concatenation is
not down to an S100 PHY.
1
Only same speed packets may be concatenated
(packets of different speeds may not be)
Note:
A default value of 0000 for bits 3-0 indicates that the
1394 interface is connected to a 1394a-compliant
PHY.
Offset F4 – Hide Function Control ................................RW
7-1
Reserved
......................................always reads 0
0
Hide Function
0
1394 Function Visible ..........................default
1
1394 Function Hidden
If this bit is set, the 1394 function will be
hidden. All subsequent reads or writes to this
configuration space will then cause a master
abort to be generated. This bit can only be
cleared by a PCI reset.
Offset FB-F8 – Manufacturer ID ................................... RO
31-0 Manufacturer ID............................always reads ???



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com