Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 18 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 18 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 14Page - Espros Photonics corp EPC901 Datasheet HTML 15Page - Espros Photonics corp EPC901 Datasheet HTML 16Page - Espros Photonics corp EPC901 Datasheet HTML 17Page - Espros Photonics corp EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
10.1.4. Single-byte read
During a single-byte read, only one register is read. After the device address is transmitted, the master has to transmit the register ad -
dress. After addressing the epc901 IC with a read-command, it transmits the read data. The access is terminated with a NACK and a
STOP by the master.
P
A
S 0 0 1
1
Read data
N
A
S 0 0 1
0
Register address
A
Device address
Device address
10.1.5. Multi-byte read
During a multi-byte read operation the master transmits the device address and the address of the first register to be read. Afterwards, the
epc901 is addressed with a read command. It then transmits data bytes until the master applies NACK and a STOP.
S
P
Read data 0
A
Read data 1
A
Read data n
N
A
0 0 1
1
Register address
S
A
A
0 0 1
0
Device address
Device address
Registers reside in a non-consecutive address space. Reading to a unused address will return no useful data.
10.1.6. Software reset
P
A
S 0 0
A
0 0 0 0 0 0
0 0 0 0 0 1 1 0
A software reset has the same effect like a power-up reset. E.g. the chip uses the configuration as given by the configuration pins. Also, all
trimming parameters are reset to the initial values.
10.1.7. Re-sampling the device address
P
A
S 0 0
A
0 0 0 0 0 0
0 0 0 0 0 1 0 0
By applying this command, the pins CS0 and CS1 are read and updated in the internal address register.
10.2. Setup latency
The new register value becomes active with the falling edge of the last bit transmitted.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
18 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com