Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 23 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 23 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
VIDEO_GBW_SEL_REG
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
n/a
n/a
n/a
GBW_SEL_DI
Operation
n/a
n/a
n/a
n/a
n/a
n/a
R/W
Default
n/a
n/a
n/a
n/a
n/a
n/a
0x3
Table 13: Description of register VIDEO_GBW_SEL_REG
The bandwidth of the video amplifier is tunable in four steps. The goal of a reduction in bandwidth is a lower current consumption. Tuning
of the bandwidth can be achieved through the bandwidth selection register in Table 13. The value map of the bandwidth tuning is listed in
Table 14.
VIDEO_GBW_SEL
Approximate relative video
amplifier bandwidth
Video amplifier
bias current [uA]
00
25%
1.25
01
50%
2.50
10
75%
3.75
11
100%
5.00
Table 14: Bandwidth selection and bias current trimming
The temperature sensors measure the change of the temperature with the specified precision PTS.
TEMP_SENSE_L_LSB
Bit no.
7
6
5
4
3
2
1
0
Bit name
TEMP_L[7:0]
Operation
R
Default
0x0
Table 15: Description of register TEMP_SENSE_L_LSB
TEMP_L: Temperature of the left temperature sensor (LSB), located near pixel 0.
TEMP_SENSE_L_MSB
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
TEMP_L[12:8]
Operation
n/a
n/a
n/a
R
Default
n/a
n/a
n/a
0x0
Table 16: Description of register TEMP_SENSE_L_MSB
TEMP_L: Temperature of the left temperature sensor (MSB), located near pixel 0.
TEMP_SENSE_R_LSB
Bit no.
7
6
5
4
3
2
1
0
Bit name
TEMP_R[7:0]
Operation
R
Default
0x0
Table 17: Description of register TEMP_SENSE_R_LSB
TEMP_R:Temperature of the right temperature sensor (LSB), located near pixel 1023.
TEMP_SENSE_R_MSB
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
TEMP_R[12:8]
Operation
n/a
n/a
n/a
R
Default
n/a
n/a
n/a
0x0
Table 18: Description of register TEMP_SENSE_R_MSB
TEMP_R:Temperature of the right temperature sensor (MSB), located near pixel 1023.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
23 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com