Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp EPC901 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
3.7. Optical characteristics
(Gain 1, video bandwidth 1MHz, differential mode)
Parameter
Description
Min
Typ
Max
Unit
WPIX
Width of pixels
7.5
μm
HPIX
Height of pixels
120
μm
NPIX
Number of pixels
1024
NFS
Number of frames stored on-chip (including the pixel array)
4
FF
Optical fill factor in pixel array
100
%
CG
Conversion gain (standard version)
3
5
8
μV/e-
Optical sensitivity (λ = 630 nm, gain = 1)
71
V/(Lux*s)
QE
Quantum efficiency (λ = 630 nm)
90
%
FW 4
Full-well capacity per frame
400
ke-
NREAD_D
Read noise, differential mode, optimal settings 1
700
1000
µVrms
NREAD_SE
Read noise, single ended mode, optimal settings 1
500
700
µVrms
LIN
Linearity2
Differential mode
1.0
2.0
%
Single-ended mode
2.0
4.0
%
ILAG
Image lag
@ max. Vpp and
@ 400ke-
Single-frame acquisition (see section 5.2)
0.2
%
Multi-frame acquisition (see section 5.3)
0.5
%
δVDARK,PIX
Output voltage drift due to dark current in pixel area
1.0
10.0
V/s
δVDARK,FS
Output voltage drift due to dark current in frame store area
0.3
V/s
ΘDARK
Thermal drift of dark current
Doubles approx. every 8°K
PRNU3
Photo response non-uniformity (@ 0.5*FW4)
2
%
DSNU3
Dark pixel non-uniformity @ TEXP = 100 µs
±0.3
% FW
MFW
Irradiance to generate FW electrons per pixel in 1 ns
(λ = 630 nm)
155
mW/mm2
Surface reflectivity (@ 550 to 860 nm, 90° incident angle)
2
%
Surface reflectivity (@ 550 to 860 nm, 60° incident angle)
4
%
Pixel cross-talk (@ 630nm, 90° incident angle)
20
%
Cross-talk width @ 1σ
4
µm
Table 1: Optical specification
Notes:
1
Charge pump off, temp sensor off, video amplifier BW=LOW_BW, VIDEO_GBW_SEL_REG=0x0 (minimum video amplifier bias current,
Read Clock 1MHz).
2
The linearity is defined as the maximum deviation of the pixel responses between 10% and 80% FW4 from the straight line between 10%
and 80% FW4. Pixels with high dark current excluded.
3
Pixel 3 .. 1020
4
FW corresponds to 2V swing at the output in differential mode.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
9 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com