Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 10 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 10 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp EPC901 Datasheet HTML 10Page - Espros Photonics corp EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp EPC901 Datasheet HTML 13Page - Espros Photonics corp EPC901 Datasheet HTML 14Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
3.7.1. Typical spectral range and quantum efficiency (QE)
The following diagrams show the quantum efficiency as a function of wavelength. The curve is a measurement where the chip has a wide-
range anti-reflection coating which is optimized at 650 nm.
Figure 6: Quantum efficiency as a function of wavelength
3.8. Frequency response
The signal amplitude at the output of the video amplifier is a function of the optical modulation and the read-out clock frequency. The
optical modulation is defined as follows:
Shadow
epc901
side view
Light source (parallel light)
Light
Grid
Pixel 0
Pixel 1023
Pixel no.
0
1023
Amplifier
output
Test setup
Measurement output
0.128mm
0.128mm
The amplitude at the video amplifier output as a function of the Read Clock frequency is as follows (temperature sensor off, differential
mode):
Read Clock
frequency
Mode
BW (video am-
plifier band-
width setting)
VIDEO_
GBW_SEL_
REG
GAIN
Min. useful
signal swing
SNR typ.
(charge pump off)
SNR typ.
(charge pump on)
Useful
pixel
range 1
min
typ
min
typ
1MHz
Differential
LOW_BW
0x0
1
2.0Vpp
66dB
70dB
65dB
67dB
3..1020
10MHz
Differential
HIGH_BW
0x3
1
1.5Vpp
55dB
58dB
53dB
55dB
3..1020
54MHz
Differential
HIGH_BW
0x3
1
0.5Vpp
46dB
49dB
44dB
46dB
3..1020
54MHz
Differential
HIGH_BW
0x3
2
0.75Vpp
46dB
49dB
42dB
46dB
3..1020
54MHz
Differential
HIGH_BW
0x3
4
1.25Vpp
46dB
49dB
42dB
46dB
3..1020
1MHz
Single-ended
LOW_BW
0x0
1
1.6Vpp
67dB
70dB
N/A
N/A
3..1020
Table 2: Useful video amplifier signal swing and SNR for different settings
Note:
1
For the ROI_SEL=H, the read-out region as defined in Table 5 is the useful pixel range
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
10 / 37
Datasheet_epc901-V5.6
www.espros.com
300
400
500
600
700
800
900
1000
1100
1200
0
10
20
30
40
50
60
70
80
90
100
Wavelength [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com