Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 15 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 15 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 11Page - Espros Photonics corp EPC901 Datasheet HTML 12Page - Espros Photonics corp EPC901 Datasheet HTML 13Page - Espros Photonics corp EPC901 Datasheet HTML 14Page - Espros Photonics corp EPC901 Datasheet HTML 15Page - Espros Photonics corp EPC901 Datasheet HTML 16Page - Espros Photonics corp EPC901 Datasheet HTML 17Page - Espros Photonics corp EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
according to the specified conversion gain (CG). This operation is called correlated double-sampling (CDS) and lasts for the time T CDS
(refer also to the block diagram in Figure 3 or Table 10). Following the Read Pulse, respecting a delay of at least TCDS, Read Clock pulses
are applied to the READ pin in order to transfer the pixel voltages to the VIDEO_P/N pins. The first 3 Read Clock pulses, designated with
1, 2 and 3 in Figure 10, are used to pre-load the pipeline. Thus the first 3 pixel voltage values on VIDEO_P/N can be ignored. The subse-
quent Read Clock pulses, designated with P0 ... PN in Figure 10, transfer the pixel voltage values through the video amplifier to the
VIDEO_P/N pins.
After all pixels are read out, the output of the video amplifier is held stable for a time T H,VIDEO or until the next Read Pulse, whatever occurs
first. The transmission of the last pixel is indicated by a high state of the pin ANA_TEST0 upon the last Read Clock pulse rising edge.
ANA_TEST0 goes low again upon the following rising edge at READ.
Any subsequent pulse of duration TRD_PULSE is interpreted as a Read Pulse and thus a new read-out sequence is initiated.
The signal DATA_RDY remains high as long as there is at least one frame stored in the CCD frame store. If no more frames are stored ex -
cept the one that is currently read out, the signal DATA_RDY goes to low state on the first positive Read Clock edge (see Figure 10). If no
frame is stored, the chip does nothing upon a Read Pulse.
IMPORTANT
–
It is important to sample the analog output signal of the vide amplifier just before the rising edge of the next read pulse. This time
point allows the readout circuits and the video amplifier to be fully settled. Also at this time point, the lowest possible readout
noise can be achieved.
–
The following time periods shall never overlap in any multi frame acquisition or by parallel reading during exposure:
TFLUSH with TCDS and TSHIFT with TCDS. Refer for these signal to Figure 7 and Figure 10.
5.5. Readout configuration
Read-out can be configured through the configuration pins (see section 4.1). Depending on binning and ROI selection, different numbers
of pixels are available for read-out. E.g. if binning of 2 is selected, only 512 values can be read out because always two pixels are binned.
Thus, only 512 + 3 Read Clock pulses must be applied in this example. The following table shows the number of Read Clock pulses ac -
cording to the configuration:
ROI_SEL pin
HOR_BIN pin
Number of Read Clock pulses NRD_CLK
L
L
512+3
L
M
1024+3
L
H
256+3
H
L
256+3
H
M
512+3
H
H
128+3
Table 4: ROI_SEL/HOR_BIN settings
5.6. Periodic flushing
As explained in section 5.2., the imager is photosensitive all the time. So it constantly converts incoming light into charge. If the pixel field
(the CCD) is not flushed periodically, excessive charge can be generated which may spill over from the pixel field to neighboring circuits,
e.g. the frame store buffers. Thus, periodic flushing by applying a CLR_PIX pulse during the time no images are acquired is highly recom -
mended, at least with a periodicity of TPERIOD,FLUSH (refer to section 3.5.). However, the need to do so depends on how much light is
received and how long is the time between two SHUTTER pulses.
For a given application, it is a good idea to evaluate the setup first before the system software is implemented. During evaluation, one
measure of the charge generated in the pixel by applying a SHUTTER signal with the length of the time between the intended acquisition
of two images shall be executed. If the maximal pixel value exceeds 90% of full well (= 90% of output swing), it is highly recommended to
place additional CLR_PIX pulses during the time where no image acquisition takes place.
A pulse on SHUTTER is ignored if it is issued within TFLUSH after the rising edge of CLR_PIX. If a rising edge on CLR_PIX occurs while
SHUTTER is high or during the subsequent internal shift period TSHIFT, the pulse on CLR_PIX is ignored.
In power-down mode, the CCD is not photo-sensitive and therefore no charge is collected. However, the transition from power-down mode
to operation flushes the CDD and the frame store automatically.
5.7. Clearing the CCD pixel field and the CCD frame store with CLR_DATA
The frames stored in the CCD pixel field and the CCD frame store can be erased simultaneously by a pulse on CLR_DATA with a minim-
um pulse width of TPULSE,CLR_DATA. The clear operation is triggered by the rising edge of CLR_DATA. After the CCD frame store and the CCD
pixel field are cleared, the chip is ready to acquire new images.
A rising edge on CLR_DATA also aborts an on-going read-out and a new image acquisition can be initiated immediately. As long as
DATA_RDY is not asserted (upon the new image acquisition), the read-out of the frame in the CDS can be continued without any impact
on the frame (for multi-frame operation see section 5.3)
A rising edge of CLR_DATA during a shift operation might be ignored and is therefore to avoid. It is allowed to assert SHUTTER and
CLR_DATA at the same time.
Please note that the frame store buffers also collect charge even if there is no operation with the CCD. This is due to dark current which
can also flow into the frame store buffer elements. Thus, the frame store buffer should also be cleared (erased) regularly if there is no ac -
quisition and readout within 100ms.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
15 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com