Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 19 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 19 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 15Page - Espros Photonics corp EPC901 Datasheet HTML 16Page - Espros Photonics corp EPC901 Datasheet HTML 17Page - Espros Photonics corp EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
10.3. I2C register description
Address Register name
Ref.
Description
Configuration
0x00
ACQ_TX_CONF_I2C
Table 6 Acquisition and transmission configuration
Use this register to overwrite the values set by the corresponding configuration
pins (see Table 2 or Table 3). Make sure RD_CONF_CTRL is set to 1. In this case
ACQ_TX_CONF_I2C is copied to ACQ_TX_CONF_EFF at the rising edge of
Read Pulse.
0x01
BW_VIDEO_CONF_IC2
Table 7 Bandwidth control of the video amplifier
Use this register address to overwrite the values set by the corresponding configu-
ration pins (see Table 2 or Table 3). Make sure RD_CONF_CTRL is set to 1. In
this case BW_VIDEO_CONF_IC2 is copied to BW_VIDEO_CONF_EFF at the ris-
ing edge of Read Pulse.
0x02
MISC_CONF
Table 8 Miscellaneous configuration
0x03
ACQ_TX_CONF_EFF
Table 6 Acquisition and transmission configuration (effective register)
The values for this register are read in from the configuration pins as long as
RD_CONF_CTRL is set to 0
Do not write to this register through I2C, use ACQ_TX_CONF_I2C instead.
0x04
BW_VIDEO_CONF_EFF
Table 7 Bandwidth control of the video amplifier (effective register)
The values for this register are read in from the configuration pins as long as
RD_CONF_CTRL is set to 0
Do not write to this register through I2C, use BW_VIDEO_CONF_IC2 instead.
Trimming
0x90
OSC_TRIM_REG
Table 11 Oscillator trimming
0x91 …
0x93
reserved
n/a
0x94
VIDEO_GBW_SEL_REG
Table 13 Tuning of the gain-bandwidth product of video amp
Temperature sensors
0xA0
TEMP_SENS_L_LSB
Table 15 Least-significant byte of left sensor's raw temperature value
0xA1
TEMP_SENS_L_MSB
Table 16 Most-significant byte of left sensor's raw temperature value
0xA2
TEMP_SENS_R_LSB
Table 17 Least-significant byte of right sensor's raw temperature value
0xA3
TEMP_SENS_R_MSB
Table 18 Most-significant byte of right sensor's raw temperature value
0xA4
TEMP_SENS_CONF
Table 19 Configure behavior of temperature sensor
Error indicators (read-only)
0xB0
I2C_ERROR_IND
Table 22 Error indicator of the I2C interface
Analog test mode registers (see also section 15.)
0xD0
ANA_TEST_MODE_EN_0
n/a
Enable register for analog test mode
0xD1
ANA_TEST_MODE_EN_1
n/a
Enable register for analog test mode
0xD2
ANA_TEST_CTRL
n/a
Test mode control register
0xD3
ANA_TEST_CONF
n/a
Configuration for the analog test modes
0xD4
ANA_TEST_MUX_0_SEL
n/a
Selection register for MUX on pin ANA_TEST_0
0xD5
ANA_TEST_MUX_1_SEL
n/a
Selection register for MUX on pin ANA_TEST_1
0xD6
FORCE_ANA_CTRL_SIGS
Table 23 Force power-down of charge pump and pixel bias voltage regulator
0xD7
OSC_TRIM_RANGE_REG
Table 10 Oscillator trimming - set oscillator trim range (available from chip revision number
0x14 i.e. epc901_020)
Debug read-only registers
0xF0 …
0xFE
reserved
n/a
0xFF
CHIP_REV_NO_REG
Table 25 Identifier register for chip revision number
Table 5: Register map accessible by the I2C interface
In the tables below, the operations defined are:
R
Read
W
Write
WP
Writeable with protection
C
Automatic synchronous clear operation after read access
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
19 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com