Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 30 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 30 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp EPC901 Datasheet HTML 34Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
13. Layout and packaging information
13.1. Mechanical dimensions
The packaging technology is a CSP with a uBGA. All measures which do not have an explicit tolerance are meant +/-0.001mm.
0.0075
top view (view to photosensitive side)
1
16
(ball size:
 0.200)
8.000 ±0.040
PCB side
Photosensitive side
(top view)
Solder balls Sn96.5Ag3.0Cu0.5
(SAC305)
Pixel #0
Pixel #1023
(0.250 ±0.020)
0.500
15 x 0.500 = 7.500
photosensitive area
4.000 ±0.020
1024 x 0.0075 = 7.680
center of pixel-field
32
17
- measures in mm
- not specified tolerances ±0.001
3.750
(0.090)
Weight: 4.57 mg
The following picture shows the epc901 chip from the bottom side with view to the solder balls. Please note the location of pin 1 and
pin 32.
13.2. Location of the photosensitive area
The photosensitive area is not marked neither on the front nor on the backside of the IC. As a visible reference, a metal ring of the IC can
be used. From the back side (solder ball side) it is visible. Also from the front side (photosensitive area) it can be seen with a camera which
is sensitive in the near infrared wavelength domain (950 .. 1150nm).
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
30 / 37
Datasheet_epc901-V5.6
www.espros.com
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com