Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 29 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 29 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
12. Power consumption considerations
12.1. General considerations
There are several options to control the power consumption. However, a tradeoff between performance and power consumption has to be
considered. The following section describes the various options. The most power-consuming blocks are
•
Temperature sensors (approx. 3mA)
•
Video amplifier (approx. 3.5mA)
•
Charge pump and 5V regulator (approx. 13.5mA)
The wake-up time of the video amp is typ. 3µs only. Thus, in most applications it can be turned off during illumination in order to reduce the
average power consumption.
12.2. Low power operation with external 3V and 5V supply
The lowest possible power consumption of the epc901 can be achieved if it is supplied with 3V and 5V since the highest power consump-
tion is the internal charge pump which generates the 5V from VDD. In this case, the chip-internal charge pump and the internal 5V regu-
lator shall be turned off. The power consumption in this configuration is less than 20mW compared to 80mW in the standard mode. The
following application information shows how this can be achieved. Follow carefully the instructions in order to avoid damage of the chip.
Use protection diodes according to circuit diagram below. The diodes have to be low voltage Schottky devices with a forward current of at
least 100mA (i.e. BAT74).
Make sure that external 5V supply (VDD_5V0) is delayed by at least 100µs to the VDD.
1.
Power up VDD (3V)
2.
Wait for at least 100µs
3.
Power up VDD_5V0
>100µs
VDD
VDD_5V0
Write the following sequence into the chip:
•
Address 0xD0:
ANA_TEST_MODE_EN_0 = 0x4a
//release register write protection
•
Address 0xD1:
ANA_TEST_MODE_EN_1 = 0x66
//release register write protection
•
Address 0xD6:
FORCE_ANA_CTRL_SIGS = 0x03
//disable charge pump and 5V regulator
Important Note: The write access – as described above - has to occur as a sequence, no other read or write access is allowed in between
(no auto read)!
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
29 / 37
Datasheet_epc901-V5.6
www.espros.com
Ext. supply
+5.0V
VDD_1V8
VDD_5V0
VDD_7V0
VDD_OA
32
18
20
1
16
31
7
26
10
epc 901
IN_+5.0V
GND
Common AGN
connection
Common GND
connection
Ext. supply
+3.0V
IN_+3.0V
D1
D3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com