Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 27 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 27 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
11. Application information
Referring to Figure 13 and Figure 14, please note the following:
■ The different GND pins can be connected together, preferably to a plane / star connection. Refer also to section 13.3.1.
■ The video amplifier has separate supply pins VDD_OA and GND_OA due to its fast switching currents. It is important to block this power
supply pins with low ESR capacitors as close as possible at the chip in order to avoid noise at the video output due to supply voltage
bouncing.
■ The voltage level applied to VDD_OA must be the same as on pin VDD. Otherwise the IC can be damaged due to latch-up.
■ If the pin VIDEO_CM is left open (not connected), the video amplifier operates in differential mode. If this pin is tied to ground, together
with the pin VIDEO_N, the video amplifier operates in single ended mode.
Video amplifier operation mode
VIDEO_P
VIDEO_N
VIDEO_CM
Differential
Positive output
Negative output
(not connected)
Single ended
Output
GND
GND
11.1. Circuit for differential mode
epc901
R
BIAS
VDD1V8
VDD7V0
VDD_OA
VIDEO_P
VIDEO_N
C
VDD7V0
C
VDD1V8
VDD
VDD
C
VDD
Communication
μC / FPGA
ADC
Configuration
Factory
(do not
connect)
32
20
8
10
CCD --> Frame Store Buffers --> CDS
NC
9
VDD5V0
C
VDD5V0
18
VIDEO_CM
11
Video
Amp
C
VDD_OA
L
Figure 13: Differential mode application diagram
Please note that pin 11 can be left open in this operating mode. The IC sets this pin to VDD/2 which is the offset voltage of the VIDEO_P
and VIDEO_N signal. However, it is possible to apply a voltage source at VIDEO_CM to control the common mode voltage of the output
signal. Make sure that this is a low noise/low ripple source and add a 1µF low ESR blocking capacitor as close as possible to pin 11. In ad -
dition to that, the voltage at VIDEO_CM must be as defined in the table under section 3.3.Electrical characteristics V
CM_D.
Illumination
VIDEO_N
VIDEO_P
VIDEO_P – VIDEO_N (typ.)
Dark voltage
VVIDEO_CM + 0.4V
VVIDEO_CM – 0.4V
-0.8V
Maximum video output
VVIDEO_CM – 0.6V
VVIDEO_CM + 0.6V
1.2
Table 28: Video amplifier output in differential mode
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
27 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com