Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 24 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 24 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
TEMP_SENS_CONF
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
MEAS_RATE_CONF
ENABLE_R
ENABLE_L
PD_CONF_R PD_CONF_L
Operation
n/a
n/a
R/W
R/W
R/W
R/W
R/W
Default for versions < -031
Default from version -031 1
n/a
n/a
n/a
n/a
0x0
0x0
1
0 1
1
0 1
0
1 1
0
1 1
Table 19: Description of register TEMP_SENS_CONF
Note:
1
From version 031, the temperature sensors are turned off by default
Register Name
Description
1
0
MEAS_RATE_CONF
Configure the measurement rate of the temperature sensors:
00: 10 measurements per second
01: 1 measurement per second
10: 1 measurement every 10 seconds
Note: A change of the measurement rate becomes effective only af-
ter the temperature sensor has been disabled and enabled again.
ENABLE_R
See Table 21
ENABLE_L
PD_CONF_R
PD_CONF_L
Table 20: Description of register setting TEMP_SENS_CONF
ENABLE_R
ENABLE_L PD_CONF_R PD_CONF_L
Description
Comment
0
0
1
1
Both sensors off
Default setting from
version 031
1
1
0
0
Both sensors on
Default setting up
to version 023
1
0
0
1
Only right sensor on
0
1
1
0
Only left sensor on
Table 21: Enable/disable temperature sensors
I2C_ERROR_IND
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
I2C_ERR
Operation
n/a
n/a
n/a
n/a
n/a
n/a
n/a
R/C
Default
n/a
n/a
n/a
n/a
n/a
n/a
n/a
0
Table 22: Description of register I2C_ERROR_IND
I2C_ERR
Read/clear bit is set when the configuration controller fails to service a register read (or write) operation in due time.
When this happens, the affected read operation may return wrong data, and the affected write operation may be
ignored.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
24 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com