Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 35 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 35 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp EPC901 Datasheet HTML 34Page - Espros Photonics corp EPC901 Datasheet HTML 35Page - Espros Photonics corp EPC901 Datasheet HTML 36Page - Espros Photonics corp EPC901 Datasheet HTML 37Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Bit select
Description
7
not used
6
Selection for fill-and-spill: all odd pixels
5
Selection for fill-and-spill: pixels 2, 6, 10 etc.
4
Selection for fill-and-spill: pixels 4, 12, 20 etc
3
Selection for fill-and-spill: pixels 0, 8, 16 etc.
2:0
NUM_FILL_SPILL_CYC
Table 32: Bit select description of register ANA_TEST_CONF in fill-and-spill test mode
Fill-and-spill procedure:
1. Force the chip into test mode by applying the following voltages:
TEST_MODE = VDD
ROI_SEL = 0V or VDD
RD_DIR = 0V or VDD
2. Open the access to the test mode configuration registers by the following two write operations. The two accesses must occur as a se -
quence, no other read or write access is allowed in between them in order to enable writing to the test registers. Once enabled, the
write access remains available until the next time the IC is reset.
ANA_TEST_MODE_EN_0: 0x4A
ANA_TEST_MODE_EN_1: 0x66
3. Configure IC into fill-and-spill test mode by the following write access
ANA_TEST_CTRL: 0x02
4. Select VIN and VDC to be connected to the test pins ANA_TEST_*
ANA_TEST_MUX_0_SEL: 0x20
ANA_TEST_MUX_1_SEL: 0x21
5. Configure the number of fill-and-spill cycles and select the pattern of pixels to be stimulated by writing to register ANA_TEST_CONF
(see Table 32)
6. Connect the external voltage sources to supply VDC and VIN to the two test pins:
ANA_TEST_0: VDC
ANA_TEST_1: VIN
7. Wait for 10 µs
8. Acquire a frame by operating the SHUTTER input as described in section 5.5. and Figure 19.
9. Read-out the frame as described in section 5.4.
10. Disconnect external voltage sources from pads ANA_TEST_*
11. Configure test mode registers to their initial values
ANA_TEST_MUX_0_SEL: 0x00
ANA_TEST_MUX_1_SEL: 0x01
ANA_TEST_CTRL: 0x0
ANA_TEST_CONF: 0x0
12. Leave test mode by applying the following voltages:
TEST_MODE = 0V
ROI_SEL → application dependent
RD_DIR → application dependent
15.1. Important notes to fill-and-spill
■ In test mode the IC can behave in an unexpected way if the procedure described above is not strictly followed.
■ The voltages VIN - VDC in the table above are theoretical values and for reference only. These values may have a significant deviation to
the theoretical value. In addition to that, the voltage will vary over the pixel field.
■ The pins ANA_TEST* are bi-directional. By default, they are outputs, i.e. the two voltages VIN and VDC may only be forced externally
when the IC is in fill-and-spill test mode. Otherwise, the chip can get damaged!
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
35 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com