Electronic Components Datasheet Search
  English  ▼

X  

EPC901 Datasheet(PDF) 26 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 26 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
10.4. I2C bus timing
SDA
SCLK
ACK
MSB
LSB
Change of data allowed
START condition
STOP condition
Data stable
START condition
Acknowledgment
SDA
SCL
ACK
MSB
LSB
t
STA
t
SU
t
H
t
SCLL
t
SCLH
t
SDAF
t
SDAR
t
STO
t
STOSTA
t
SCLR
t
SCLF
Figure 12: I2C bus timing, top: Basic communication sequence, bottom: Timing parameters
Symbol
Parameter
Min.
Max.
Units
fSCL
I2C data rate
400
kbit/s
tSCLL
SCL clock low time
1.3
µs
tSCLH
SCL clock high time
0.6
µs
tSU
SDA setup time
100
ns
tH
SDA hold time
0
ns
tSDAR
tSCLR
SDA and SCL rise time
300
ns
tSDAF
tSCLF
SDA and SCL fall time
300
ns
tSTA
Start condition hold time
0.6
µs
tSTO
Stop condition setup time
0.6
µs
tSTOSTA
Stop to start condition time (bus free)
1.3
µs
Cb
Capacitive load for each bus line
400
pF
tSP
Pulse width of the spikes that are suppressed by the analog filter
50
ns
Table 27: I2C bus timing: Timing parameters (FM+)
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
26 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com