Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 27 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 23Page - SMSC Corporation 91C94 Datasheet HTML 24Page - SMSC Corporation 91C94 Datasheet HTML 25Page - SMSC Corporation 91C94 Datasheet HTML 26Page - SMSC Corporation 91C94 Datasheet HTML 27Page - SMSC Corporation 91C94 Datasheet HTML 28Page - SMSC Corporation 91C94 Datasheet HTML 29Page - SMSC Corporation 91C94 Datasheet HTML 30Page - SMSC Corporation 91C94 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
27
PACKET FORMAT IN BUFFER MEMORY
The packet format in memory is similar for the
TRANSMIT and RECEIVE areas. The first word
is
reserved
for
the status word, the next
word is used to specify the total number of
bytes, and that in turn is followed by the data
area. The data area holds the packet itself, and
its length is determined by the byte count. The
packet memory format is word oriented.
FIGURE 9 – DATA PACKET FORMAT
TRANSMIT PACKET
RECEIVE PACKET
STATUS WORD
Written by CSMA upon transmit
completion
(see
Status
Register).
Written by CSMA upon receive
completion
(see
RX
Frame
Status Word).
BYTE COUNT
Written by CPU.
Written by CSMA.
DATA AREA
Written/modified by CPU.
Written by CSMA.
CONTROL BYTE
Written
by
CPU
to
control
ODD/EVEN data bytes.
Written by CSMA.
Also has
ODD/EVEN bit.
RESERVED
BYTE COUNT (always even)
STATUS WORD
DATA AREA
LAST DATA BYTE (if odd)
bit0
bit15
RAM
OFFSET
(DECIMAL)
0
2
4
2046 Max
CONTROL BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com