Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 78 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 74Page - SMSC Corporation 91C94 Datasheet HTML 75Page - SMSC Corporation 91C94 Datasheet HTML 76Page - SMSC Corporation 91C94 Datasheet HTML 77Page - SMSC Corporation 91C94 Datasheet HTML 78Page - SMSC Corporation 91C94 Datasheet HTML 79Page - SMSC Corporation 91C94 Datasheet HTML 80Page - SMSC Corporation 91C94 Datasheet HTML 81Page - SMSC Corporation 91C94 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
78
FUNCTIONAL DESCRIPTION OF THE BLOCKS
MEMORY MANAGEMENT UNIT
The MMU interfaces the on-chip RAM on one
side and the arbiter on the other for address and
data flow purposes.
For allocation and de-
allocation, it interfaces the arbiter only.
The MMU deals with a single ported memory
and is not aware of the fact that there are two
entities
requesting
allocation
and
actually
accessing memory. The mapping function done
by the MMU is only a function of the packet
number accessed and of the offset within that
packet being accessed. It is not a function of
who is requesting the access or the direction of
the access.
To accomplish that, memory accesses as well
as MMU allocation and de-allocation requests
are arbitrated by the arbiter block before
reaching the MMU.
Memory allocation could take some time, but
the ALLOC INT bit in Interrupt Status Register is
negated immediately upon allocation request,
allowing the system to poll that register at any
time.
Memory
de-allocation
command
completion indication is provided via the BUSY
bit,
readable
through
the
MMU
command
register.
The mapping and queuing functions of the MMU
rely on the uniqueness of the packet number
assigned to the requester. For that purpose the
packet number assignment is centralized at the
MMU, and a number will not be reused until the
memory associated with it is released.
It is
clear that a packet number should not be
released while the number is in the TX or RX
packet queue.
The TX and RCV FIFOs are deep enough to
handle the total number of packets the MMU
can allocate, therefore there is no need for the
programmer or the hardware to check FIFO full
conditions.
ARBITER
The function of the arbiter is to sequence packet
RAM accesses as well as MMU requests in such
a way that the on-chip single ported RAM and a
single MMU can be shared by two parties. One
party is the host CPU and the other party is the
CSMA/CD block.
The arbiter is address transparent, namely, any
address can be accessed at any time. In order
to exploit the sequential nature of the access,
and minimize the access time on the system
side, the CPU cycle is buffered by the Data
Register rather than go directly to and from
memory. Whenever a write cycle is performed,
the data is written into the Data Register and will
be written into memory as a result of that
operation, allowing the CPU cycle to complete
before the arbitration and memory cycle are
complete. Whenever a read cycle is performed,
the data is provided immediately from the Data
Register,
without
having
to
arbitrate
and
complete a memory cycle.
The present cycle
results in an arbitration request for the next data
location. Loading the pointer causes a similar
pre-fetch request.
This
type
of
read-ahead
and
write-behind
arbitration allows the controller to have a very
fast access time, and would work without wait
states for as long as the cycle time spec. is
satisfied. The values are 40ns access time, and
185ns cycle time.
By the same token, CSMA/CD cycles might be
postponed. The worst case CSMA/CD latency
for arbiter service is one memory cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com