Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 53 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 49Page - SMSC Corporation 91C94 Datasheet HTML 50Page - SMSC Corporation 91C94 Datasheet HTML 51Page - SMSC Corporation 91C94 Datasheet HTML 52Page - SMSC Corporation 91C94 Datasheet HTML 53Page - SMSC Corporation 91C94 Datasheet HTML 54Page - SMSC Corporation 91C94 Datasheet HTML 55Page - SMSC Corporation 91C94 Datasheet HTML 56Page - SMSC Corporation 91C94 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 120 page
background image
53
101 5)
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified in the
PACKET NUMBER REGISTER. Should not be used for frames pending transmission.
Typically used to remove transmitted frames, after reading their completion status. Can be
used following 3) to release receive packet memory in a more flexible way than 4).
110 6)
ENQUEUE PACKET NUMBER INTO TX FIFO - This is the normal method of transmitting a
packet just loaded into RAM. The packet number to be enqueued is taken from the PACKET
NUMBER REGISTER.
111
7)
RESET TX FIFOs - This command will reset both TX FIFOs: The TX FIFO holding the
packet numbers awaiting transmission and the TX Completion FIFO. This command
provides a mechanism for canceling packet transmissions, and reordering or bypassing
the transmit queue. The RESET TX FIFOs command should only be used when the
transmitter is disabled. Unlike the RESET MMU command, the RESET TX FIFOs does
not release any memory.
Note 1: Only command 1) uses N2,N1,N0.
Note 2: When using the RESET TX FIFOS command, the CPU is responsible for releasing the
memory associated with outstanding packets, or re-enqueuing them. Packet numbers in the
completion FIFO can be read via the FIFO ports register before issuing the command.
Note 3: MMU commands releasing memory (commands 4 and 5) should only be issued if the
corresponding packet number has memory allocated to it.
COMMAND SEQUENCING
A second allocate command (command 1)
should not be issued until the present one has
completed. Completion is determined by reading
the FAILED bit of the allocation result register or
through the allocation interrupt.
A second release command (commands 4, 5)
should not be issued if the previous one is still
being processed. The BUSY bit indicates that a
release command is in progress. After issuing
command 5, the contents of the PNR should not
be changed until BUSY goes low. After issuing
command 4, command 3 should not be issued
until BUSY goes low.
BUSY BIT - Readable at bit 0 of the MMU
command register address. When set indicates
that
MMU
is
still
processing
a
release
command. When clear, MMU has already
completed last release command.
BUSY and
FAILED bits are set upon the trailing edge of
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com