Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 65 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 61Page - SMSC Corporation 91C94 Datasheet HTML 62Page - SMSC Corporation 91C94 Datasheet HTML 63Page - SMSC Corporation 91C94 Datasheet HTML 64Page - SMSC Corporation 91C94 Datasheet HTML 65Page - SMSC Corporation 91C94 Datasheet HTML 66Page - SMSC Corporation 91C94 Datasheet HTML 67Page - SMSC Corporation 91C94 Datasheet HTML 68Page - SMSC Corporation 91C94 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
65
I/O SPACE - BANK3
OFFSET
C
NAME
EARLY RCV REGISTER
TYPE
READ/WRITE
SYMBOL
ERCV
HIGH
BYTE
0
0
1
1
0
0
1
1
LOW
BYTE
RCV
DISCRD
ERCV THRESHOLD
0
0
0
1
1
1
1
1
RCV DISCRD - Set to discard a packet being
received.
This bit can be used in conjunction
with ERCV THRESHOLD and ERCV INT to
process a packet header while it is being
received and discard it if the packet is not
desired. Setting this bit will only discard packets
that are still in the process of being received.
If the RCV DISCRD bit is set prior to the end of
a receive packet, RXOVRN bit in the Interrupt
Status Register will be set to indicate that the
packet was discarded and its memory
released. If the receive packet is complete prior
to the RCV DISCARD bit being set, the packet is
received normally and RCV INT bit is set in the
Interrupt Status Register. The RCV DISCARD
bit is self-clearing.
ERCV THRESHOLD - Threshold for ERCV
interrupt.
Specified
in
64
byte
multiples.
Whenever the number of bytes written in
memory
for
the
presently
received
packet
exceeds the ERCV THRESHOLD, ERCV INT bit
of the INTERRUPT STATUS REGISTER is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com