Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 46 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 42Page - SMSC Corporation 91C94 Datasheet HTML 43Page - SMSC Corporation 91C94 Datasheet HTML 44Page - SMSC Corporation 91C94 Datasheet HTML 45Page - SMSC Corporation 91C94 Datasheet HTML 46Page - SMSC Corporation 91C94 Datasheet HTML 47Page - SMSC Corporation 91C94 Datasheet HTML 48Page - SMSC Corporation 91C94 Datasheet HTML 49Page - SMSC Corporation 91C94 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
46
I/O SPACE - BANK1
OFFSET
2
NAME
BASE ADDRESS REGISTER
TYPE
READ/WRITE
SYMBOL
BAR
In ISA mode, this register holds the address decode options chosen for the I/O and ROM spaces. It
is part of the EEPROM saved setup and is not usually modified during run-time.
HIGH
BYTE
A15
A14
A13
A9
A8
A7
A6
A5
0
0
0
1
1
0
0
0
LOW
BYTE
ROM SIZE
RA18
RA17
RA16
RA15
RA14
0
1
1
0
0
1
1
X
A15 - A13 and A9 - A5 - These bits are
compared in ISA mode against the I/O address
on the bus to determine the IOBASE for
LAN91C94 registers. The 64k I/O space is fully
decoded by the LAN91C94 down to a 16
location
space,
therefore
the
unspecified
address lines A4, A10, A11 and A12 must be all
zeros.
ROM SIZE - Determines the ROM decode area
in ISA mode memory space as follows:
00 = ROM disable
01 = 16k: RA14-18 define ROM select.
10 = 32k: RA15-18 define ROM select.
11 = 64k: RA16-18 define ROM select.
RA18-RA14 - These bits are compared against
the memory address on the bus to determine
if the ROM is being accessed, as a function of
the ROM SIZE. ROM accesses are read only
memory accesses defined by nMEMRD going
low.
For
a
full
decode
of
the
address
space
unspecified upper address lines have to be:
A19 = "1" , A20-A23 lines are not directly
decoded, however ISA systems will only activate
nSMEMRD only when A20-A23=0.
All bits in this register are loaded from the serial
EEPROM.
The I/O base decode defaults to
300h (namely, the high byte defaults to 18h).
ROM SIZE defaults to 01. ROM decode defaults
to CC000 (namely the low byte defaults to 67h).
As an example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com