Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 57 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 53Page - SMSC Corporation 91C94 Datasheet HTML 54Page - SMSC Corporation 91C94 Datasheet HTML 55Page - SMSC Corporation 91C94 Datasheet HTML 56Page - SMSC Corporation 91C94 Datasheet HTML 57Page - SMSC Corporation 91C94 Datasheet HTML 58Page - SMSC Corporation 91C94 Datasheet HTML 59Page - SMSC Corporation 91C94 Datasheet HTML 60Page - SMSC Corporation 91C94 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
57
I/O SPACE - BANK2
OFFSET
8 & A
NAME
DATA REGISTER
TYPE
READ/WRITE
SYMBOL
DATA
HIGH
BYTE
DATA HIGH
LOW
BYTE
DATA LOW
DATA REGISTER - Used to read or write the
data buffer byte/word presently addressed by
the pointer register.
This register is mapped into two uni-directional
FIFOs that allow moving words to and from the
LAN91C94 regardless of whether the pointer
address is even or odd. Data goes through the
write FIFO into memory, and is pre-fetched from
memory into the read FIFO.
If byte accesses
are used, the appropriate (next) byte can be
accessed
through
the
Data
Low or
Data High registers. The order to and from the
FIFO is preserved. Byte and word accesses can
be mixed on the fly in any order.
This register is mapped into two consecutive
word locations to facilitate the usage of double
word move instructions. The DATA register is
accessible at any address in the 8 through Ah
range,
while
the
number
of
bytes
being
transferred are determined by A0 and nSBHE in
ISA mode, and by A0, nCE1 and nCE2 in
PCMCIA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com