| Electronic Components Datasheet Search |
|
91C94 Datasheet(PDF) 33 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
91C94 Datasheet(HTML) 33 Page - SMSC Corporation |
|
33 / 120 page ![]() 33 I/O SPACE (ISA and PCMCIA mode) In ISA mode, the base I/O space is determined by the IOS0-2 inputs and the EEPROM contents. A4-15 are compared against the base I/O address for I/O space accesses. In PCMCIA mode nREG (along with nIORD or nIOWR) defines an I/O access regardless of the A4-15 value. To limit the I/O space requirements to 16 locations, the registers are assigned to different banks. The last word of the I/O area is shared by all banks and can be used to change the bank in use. Registers are 16 bits wide and are described using the following convention: OFFSET NAME TYPE SYMBOL HIGH BYTE BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 X X X X X X X X LOW BYTE BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 X X X X X X X X OFFSET - Defines the address offset within the IOBASE where the register can be accessed at, provided the bank select has the appropriate value. The offset specifies the address of the even byte (bits 0-7) or the address of the complete word. The odd byte can be accessed using address (offset + 1). Some registers (like the Interrupt Ack., or like Interrupt Mask) are functionally described as two eight bit registers, in that case the offset of each one is independently specified. Regardless of the functional description, when the LAN91C94 is in 16 bit mode, all registers can be accessed as words or bytes. The default bit values upon hard reset are highlighted below each register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |