Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 94 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 94 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 90Page - SMSC Corporation 91C94 Datasheet HTML 91Page - SMSC Corporation 91C94 Datasheet HTML 92Page - SMSC Corporation 91C94 Datasheet HTML 93Page - SMSC Corporation 91C94 Datasheet HTML 94Page - SMSC Corporation 91C94 Datasheet HTML 95Page - SMSC Corporation 91C94 Datasheet HTML 96Page - SMSC Corporation 91C94 Datasheet HTML 97Page - SMSC Corporation 91C94 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
94
PARAMETER
MIN
TYP
MAX
UNITS
10BASE-T
Receiver Threshold Voltage
100
mV
Receiver Squelch
300
400
585
mV
Receiver Common Mode Range
0
VDD
Transmitter Output:
Voltage
Source Resistance
±2
±2.5
±3
10
V
ohms
Transmitter Output DC Offset
50
mV
Transmitter Backswing Voltage to Idle
100
mV
Differential Input Voltage
±0.585
±3
V
AUI
Receiver Threshold Voltage
60
mV
Receiver Squelch
180
240
300
mV
Receiver Common Mode Range
0
VDD
Transmitter Output Voltage (R=78
Ω)
±0.45
±0.85
±1.2
V
Transmitter Backswing Voltage to Idle
100
mV
Input Differential Voltage
±0.3
±1.2
V
Output Short Circuit (to VCC or GND) Current
±150
mA
Differential Idle Voltage (measured 8.0 µs after
last positive transition of data frame)
±40
mV
CAPACITIVE LOAD ON OUTPUTS
nIOCS16, IOCHRDY
240 pF
INTR0-3
120 pF
All other outputs
45 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com