Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 10 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 6Page - SMSC Corporation 91C94 Datasheet HTML 7Page - SMSC Corporation 91C94 Datasheet HTML 8Page - SMSC Corporation 91C94 Datasheet HTML 9Page - SMSC Corporation 91C94 Datasheet HTML 10Page - SMSC Corporation 91C94 Datasheet HTML 11Page - SMSC Corporation 91C94 Datasheet HTML 12Page - SMSC Corporation 91C94 Datasheet HTML 13Page - SMSC Corporation 91C94 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
10
PIN NUMBER
QFP
VTQFP/
TQFP
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
67
65
Reset
RESET
IS with
pullup
Input - Active high Reset. This input is
not
considered
active
(except
in
powerdown mode) unless it is active
for at least 100ns to filter narrow
glitches
27
25
Address
Latch
BALE/nWE
IS with
pullup
ISA - Input - Address strobe. For
systems that require address latching.
The falling edge of BALE latches
address lines and nSBHE
PCMCIA - Write Enable input. For
writing into COR and CSR registers as
well as attribute memory space
19
17
Interrupt
INTR0/
nIREQ
O24
ISA - Active high interrupt signal. The
interrupt line selection is determined by
the value of INT SEL1-0 bits in the
Configuration Register. This interrupt is
tri-stated when not selected
PCMCIA - Active low interrupt request
output
20
18
INTR1/
nINPACK
O24
ISA - Output - Active high interrupt
signal. The interrupt line selection is
determined by the value of INT SEL1-0
bits in the Configuration Register. This
interrupt is tri-stated when not selected
PCMCIA
-
Output
asserted
to
acknowledge read cycles when the
card is enabled
22,23
20,21
Interrupt
INTR2-3
O24
ISA - Outputs - Active high interrupt
signals. The interrupt line selection is
determined by the value of INT SEL1-0
bits
in
the
Configuration
Register.
These interrupts are tri-stated when not
selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com