Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 43 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 39Page - SMSC Corporation 91C94 Datasheet HTML 40Page - SMSC Corporation 91C94 Datasheet HTML 41Page - SMSC Corporation 91C94 Datasheet HTML 42Page - SMSC Corporation 91C94 Datasheet HTML 43Page - SMSC Corporation 91C94 Datasheet HTML 44Page - SMSC Corporation 91C94 Datasheet HTML 45Page - SMSC Corporation 91C94 Datasheet HTML 46Page - SMSC Corporation 91C94 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 120 page
background image
43
I/O SPACE - BANK0
OFFSET
A
NAME
MEMORY CONFIGURATION
REGISTER
TYPE
Lower Byte - READ/WRITE
Upper Byte - READ ONLY
SYMBOL
MCR
HIGH
BYTE
MEMORY SIZE MULTIPLIER M
0
0
1
1
0
0
1
1
LOW
BYTE
MEMORY RESERVED FOR TRANSMIT (in bytes x 256 x M)
0
0
0
0
0
0
0
0
MEMORY
RESERVED
FOR
TRANSMIT
-
Programming this value allows the host CPU to
reserve memory to be used later for transmit,
limiting the amount of memory that receive
packets can use up.
When
programmed
for
zero,
the
memory
allocation between transmit and receive is
completely dynamic.
When programmed for a non-zero value, the
allocation is dynamic if the free memory
exceeds the programmed value, while receive
allocation requests are denied if the free
memory is less or equal to the programmed
value.
This register defaults to zero upon reset. It is not
affected by the RESET MMU command.
The value written to the MCR is a reserved
memory
space
IN
ADDITION
TO
ANY
MEMORY CURRENTLY IN USE. If the memory
allocated for transmit plus the reserved space
for transmit is required to be constant (rather
than grow with transmit allocations) the CPU
should update the value of this register after
allocating or releasing memory.
The contents of MIR as well as the low byte of
MCR are specified in 256 x M bytes.
The
multiplier M is determined by bits 11,10,and 9
as follows. Bits 11,10 and 9 are read only bits
used by the software driver to transparently run
on different controllers of the LAN9000 family:
DEVICE
BIT 11
BIT 10
BIT 9
M
MAX MEMORY SIZE
LAN91C100
0
1
0
2
256 x 256 x 2=128k
LAN91C90
0
0
1
1
256 x 256 x 1 =64k
FUTURE
0
1
1
4
256k
" "
1
0
0
8
512k
" "
1
0
1
16
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com