Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 5 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 5 Page - SMSC Corporation

  91C94 Datasheet HTML 1Page - SMSC Corporation 91C94 Datasheet HTML 2Page - SMSC Corporation 91C94 Datasheet HTML 3Page - SMSC Corporation 91C94 Datasheet HTML 4Page - SMSC Corporation 91C94 Datasheet HTML 5Page - SMSC Corporation 91C94 Datasheet HTML 6Page - SMSC Corporation 91C94 Datasheet HTML 7Page - SMSC Corporation 91C94 Datasheet HTML 8Page - SMSC Corporation 91C94 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
5
GENERAL DESCRIPTION
The LAN91C94 is a VLSI Ethernet Controller
that combines ISA and PCMCIA interfaces in
one chip. LAN91C94 integrates all the MAC and
physical layer functions, as well as the packet
RAM, needed to implement a high performance
10BASE-T (twisted pair) node. For 10BASE5
(thick
coax),
10BASE2
(thin
coax),
and
10BASE-F
(fiber)
implementations,
the
LAN91C94 interfaces to external transceivers
via its AUI port.
Only one additional IC is
required on most applications. The LAN91C94
occupies 16 I/0 locations and no memory space
except for PCMCIA attribute memory space. The
same I/O space is used for both ISA and
PCMCIA
operations.
The
LAN91C94
can
directly interface the ISA and PCMCIA buses
and deliver no wait state operation. Its shared
memory is sequentially accessed
with 40ns
access times to any of its registers, including its
packet memory. No DMA services are used by
the LAN91C94, virtually decoupling network
traffic from local or system bus utilization. For
packet memory management, the LAN91C94
integrates
a
unique
hardware
Memory
Management
Unit
(MMU)
with
enhanced
performance and decreased software overhead
when compared to ring buffer and linked list
architectures.
The LAN91C94 is portable to
different CPU and bus platforms due to its
flexible bus interface, flat memory structure (no
pointers), and its loosely coupled buffered
architecture (not sensitive to latency).
OVERVIEW
A unique architecture allows the LAN91C94 to
combine
high
performance,
flexibility,
high
integration and simple software interface.
The LAN91C94 incorporates the LAN91C92
functionality for ISA environments, as well as a
PCMCIA interface and attribute registers. Mode
selection between ISA and PCMCIA is static and
is done only once at the end of a reset. The
LAN91C94 consists of the same logical
I/O
register structure in ISA and PCMCIA modes.
However, some of the signals used to access
the PCMCIA differ from the ISA mode.
The
MMU
(Memory
Management
Unit)
architecture used by the LAN91C94 combines
the simplicity and low overhead of fixed areas
with the flexibility of linked lists providing
improved performance over other methods.
Packet
reception
and
transmission
are
determined by memory availability.
All other
resources are always available if memory is
available.
To
complement
this
flexible
architecture, all ISA bus interface functions are
incorporated in the LAN91C94, as well as a
4608 byte packet RAM and serial EEPROM-
based setup.
The user can select or modify
configuration choices.
The LAN91C94 integrates most of the 802.3
functionality,
incorporating
the
MAC
layer
protocol,
the
physical
layer
encoding
and
decoding functions with the ability to handle the
AUI interface.
For twisted pair networks,
LAN91C94
integrates
the
twisted
pair
transceiver as well as the link integrity test
functions.
The LAN91C94 is a true 10BASE-T single chip
able to interface a system or a local bus.
Directly-driven LEDs for installation and run-
time diagnostics are provided, as well as 802.3
statistics
gathering
to
facilitate
network
management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com