Electronic Components Datasheet Search
  English  ▼

X  

91C94 Datasheet(PDF) 116 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 116 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 112Page - SMSC Corporation 91C94 Datasheet HTML 113Page - SMSC Corporation 91C94 Datasheet HTML 114Page - SMSC Corporation 91C94 Datasheet HTML 115Page - SMSC Corporation 91C94 Datasheet HTML 116Page - SMSC Corporation 91C94 Datasheet HTML 117Page - SMSC Corporation 91C94 Datasheet HTML 118Page - SMSC Corporation 91C94 Datasheet HTML 119Page - SMSC Corporation 91C94 Datasheet HTML 120Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
116
FIGURE 44 - 100 PIN QFP PACKAGE OUTLINE
0.10
-C -
H
A
A1
A2
TD/TE
0
L1
L
E1
E
D 1
D
e
W
D IM
A
A1
A2
D
D 1
E
E1
H
L
L1
e
0
W
TD(1 )
TE(1)
TD(2 )
TE(2)
MIN
2.80
0. 1
2.57
23. 4
19. 9
17. 4
13. 9
0. 1
0.65
1. 8
MAX
3.15
0.45
2.87
24.15
20. 1
18.15
14. 1
0. 2
0.95
2. 6
MIN
. 11 0
. 00 4
. 10 1
. 92 1
. 78 3
. 68 5
. 54 7
. 00 4
. 02 6
. 07 1
MAX
. 12 4
. 01 8
. 11 3
. 95 1
. 79 1
. 71 5
. 55 5
. 00 8
. 03 7
. 10 2
0°
. 2
21. 8
15. 8
22.21
16.27
12°
. 4
22. 2
16. 2
22.76
16.82
0.65 BSC
0°
. 00 8
. 85 8
. 62 2
. 87 4
. 64 1
12°
. 01 6
. 87 4
. 63 8
. 89 6
. 66 2
.0256 BSC
No te s:
1) Coplana rit y is 0 .100mm (.004 ") maximum.
2) Toler ance on t he pos ition of the lead s is
0.200mm (.008") maximum.
3) Package bod y dimen sions D1 and E1 do not
inc lude the mold pr otrusion. Max imum mold
pro tr usion is 0.2 5mm (.010").
4) D imensions T D a nd TE are impor tant for t est ing
by robot ic h andler. O nly a bo ve combinations of (1)
or (2) ar e ac ceptable.
5) C on tr olling dimension: mil limeter. Dimensions
ini nches for reference only and not necessarily
acc urate .
Mi ll imete rs
Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com