Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 135 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 135 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 131Page - Cirrus Logic WM8235 Datasheet HTML 132Page - Cirrus Logic WM8235 Datasheet HTML 133Page - Cirrus Logic WM8235 Datasheet HTML 134Page - Cirrus Logic WM8235 Datasheet HTML 135Page - Cirrus Logic WM8235 Datasheet HTML 136Page - Cirrus Logic WM8235 Datasheet HTML 137Page - Cirrus Logic WM8235 Datasheet HTML 138Page - Cirrus Logic WM8235 Datasheet HTML 139Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 154 page
background image
WM8235
Rev 4.6
135
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = high at TP0
Register 011Fh Polarity setting of P2 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R288 (0120h)
Polarity
setting of
P2 2
7
POL15_PO2
0
logic level of PO2 pulse at toggle point TP15
0 = low at TP15
1 = high at TP15
6
POL14_PO2
0
logic level of PO2 pulse at toggle point TP14
0 = low at TP14
1 = high at TP14
5
POL13_PO2
0
logic level of PO2 pulse at toggle point TP13
0 = low at TP13
1 = high at TP13
4
POL12_PO2
0
logic level of PO2 pulse at toggle point TP12
0 = low at TP12
1 = high at TP12
3
POL11_PO2
0
logic level of PO2 pulse at toggle point TP11
0 = low at TP11
1 = high at TP11
2
POL10_PO2
0
logic level of PO2 pulse at toggle point TP10
0 = low at TP10
1 = high at TP10
1
POL9_PO2
0
logic level of PO2 pulse at toggle point TP9
0 = low at TP9
1 = high at TP9
0
POL8_PO2
0
logic level of PO2 pulse at toggle point TP8
0 = low at TP8
1 = high at TP8
Register 0120h Polarity setting of P2 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R289 (0121h)
Polarity
setting of
P2 3
7
POL23_PO2
0
logic level of PO2 pulse at toggle point TP23
0 = low at TP23
1 = high at TP23
6
POL22_PO2
0
logic level of PO2 pulse at toggle point TP22
0 = low at TP22
1 = high at TP22
5
POL21_PO2
0
logic level of PO2 pulse at toggle point TP21
0 = low at TP21
1 = high at TP21
4
POL20_PO2
0
logic level of PO2 pulse at toggle point TP20
0 = low at TP20
1 = high at TP20
3
POL19_PO2
0
logic level of PO2 pulse at toggle point TP19
0 = low at TP19
1 = high at TP19
2
POL18_PO2
0
logic level of PO2 pulse at toggle point TP18
0 = low at TP18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com