Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 139 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 139 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 135Page - Cirrus Logic WM8235 Datasheet HTML 136Page - Cirrus Logic WM8235 Datasheet HTML 137Page - Cirrus Logic WM8235 Datasheet HTML 138Page - Cirrus Logic WM8235 Datasheet HTML 139Page - Cirrus Logic WM8235 Datasheet HTML 140Page - Cirrus Logic WM8235 Datasheet HTML 141Page - Cirrus Logic WM8235 Datasheet HTML 142Page - Cirrus Logic WM8235 Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 154 page
background image
WM8235
Rev 4.6
139
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R295 (0127h)
Polarity
setting of
P4 1
7
POL7_PO4
0
logic level of PO4 pulse at toggle point TP7
0 = low at TP7
1 = high at TP7
6
POL6_PO4
0
logic level of PO4 pulse at toggle point TP6
0 = low at TP6
1 = high at TP6
5
POL5_PO4
0
logic level of PO4 pulse at toggle point TP5
0 = low at TP5
1 = high at TP5
4
POL4_PO4
0
logic level of PO4 pulse at toggle point TP4
0 = low at TP4
1 = high at TP4
3
POL3_PO4
0
logic level of PO4 pulse at toggle point TP3
0 = low at TP3
1 = high at TP3
2
POL2_PO4
0
logic level of PO4 pulse at toggle point TP2
0 = low at TP2
1 = high at TP2
1
POL1_PO4
0
logic level of PO4 pulse at toggle point TP1
0 = low at TP1
1 = high at TP1
0
POL0_PO4
0
logic level of PO4 pulse at toggle point TP0
0 = low at TP0
1 = high at TP0
Register 0127h Polarity setting of P4 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R296 (0128h)
Polarity
setting of
P4 2
7
POL15_PO4
0
logic level of PO4 pulse at toggle point TP15
0 = low at TP15
1 = high at TP15
6
POL14_PO4
0
logic level of PO4 pulse at toggle point TP14
0 = low at TP14
1 = high at TP14
5
POL13_PO4
0
logic level of PO4 pulse at toggle point TP13
0 = low at TP13
1 = high at TP13
4
POL12_PO4
0
logic level of PO4 pulse at toggle point TP12
0 = low at TP12
1 = high at TP12
3
POL11_PO4
0
logic level of PO4 pulse at toggle point TP11
0 = low at TP11
1 = high at TP11
2
POL10_PO4
0
logic level of PO4 pulse at toggle point TP10
0 = low at TP10
1 = high at TP10
1
POL9_PO4
0
logic level of PO4 pulse at toggle point TP9
0 = low at TP9
1 = high at TP9
0
POL8_PO4
0
logic level of PO4 pulse at toggle point TP8
0 = low at TP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com