Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 151 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 151 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 146Page - Cirrus Logic WM8235 Datasheet HTML 147Page - Cirrus Logic WM8235 Datasheet HTML 148Page - Cirrus Logic WM8235 Datasheet HTML 149Page - Cirrus Logic WM8235 Datasheet HTML 150Page - Cirrus Logic WM8235 Datasheet HTML 151Page - Cirrus Logic WM8235 Datasheet HTML 152Page - Cirrus Logic WM8235 Datasheet HTML 153Page - Cirrus Logic WM8235 Datasheet HTML 154Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
WM8235
Rev 4.6
151
PACKAGE DIMENSIONS
DM092.B
FL: 56 PIN QFN PLASTIC PACKAGE 7 X 7 X 0.85 mm BODY, 0.40 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
C
aaa
2 X
E2
E2/2
D2
28
L
D2/2
C
aaa
2 X
29
36
1
14
15
D
E
e
PIN 1
A
A1
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-002.
4. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
5. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION.
EXPOSED
GND
PADDLE
6
A2
C
bbb
b
(A3)
C SEATING PLANE
43
56
A
C
eee
B
A
C
eee
B
B
C
ddd
A
M
M
M
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
b
D
D2
E
E2
e
L
0.85
0.25
0.2
0.15
7.00 BSC
5.30
5.20
5.10
7.00 BSC
0.4 BSC
5.20
5.30
5.10
0.35
0.4
0.45
1
A1
A3
0
0.035
0.05
0.203 REF
Tolerances of Form and Position
aaa
bbb
ccc
0.10
0.10
0.08
REF
0.8
0.9
A2
-
0.65
0.67
ddd
eee
0.10
0.10
JEDEC, MO-220, VARIATION VKKE
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com