Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 153 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 153 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 146Page - Cirrus Logic WM8235 Datasheet HTML 147Page - Cirrus Logic WM8235 Datasheet HTML 148Page - Cirrus Logic WM8235 Datasheet HTML 149Page - Cirrus Logic WM8235 Datasheet HTML 150Page - Cirrus Logic WM8235 Datasheet HTML 151Page - Cirrus Logic WM8235 Datasheet HTML 152Page - Cirrus Logic WM8235 Datasheet HTML 153Page - Cirrus Logic WM8235 Datasheet HTML 154Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 153 / 154 page
background image
WM8235
Rev 4.6
153
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
PAGE
16/11/10
1.0
AA/NB
First Release
08/12/11
3.0
JMacD
Product status updated to Pre-Production
11/12/11
3.0
AA
Corrected DAC description 4-bit to 8bit
Corrected temperature range to -40
Corrected PGAFS characteristics
Corrected Supply currents
Added test conditions for TG output
Corrected Clamp timing diagram
Corrected Signal flow summary (removed INVOP description)
Corrected Channel ID description INP to IN
Corrected TG MASK description
Corrected Register Map (PGAFS)
1
5,8
9,10
11
11
24
27
30
34
41,48
01/02/12
3.1
JMacD
Update to Recommended External Component Values
– (C9)
0.1uF changed to 0.01uF
124
20/02/12
3.2
AA/JMacD
Corrected Parameter name and Register name for RLCDAC
10,41
20/02/12
3.2
AA/JMacD
Corrected RLCDAC resolution
10
14/12/12
4.0
AA
Added channel to channel offset matching specifcation
Corrected offset DAC INL DNL spec
Corrected supply current for full power down mode
Updated timing specificationCorrected figure for ADC INPUT
BLACK LEVEL ADJUST
Corrected figure for overall signal flow
Added description for ADC, PGA Bias Current Control.
Added description for PLL DLL setup
Added description for 3pair LVDS format
Added LVDS output order
Corrected TG timing diagram
Added EXTENDED REGISTERES
Corrected description for R28
Corrected description for R128,R129
9
10
11
15,17,36-38
21
22
22
23
29-33
34
36,37
54,131
65
83
17/02/14
4.1
AA
Corrected description of conversion rate
Corrected description of reference DAC resolution
Updated test condition for output noise specification
Corrected device ID descriptions (Table 2 and Table 3)
Corrected MCLK High/Low period
Corrected RESET CLAMPING description
Corrected CDS/Non-CDS PROCESSING description
Updated PLL and DLL setting table
Corrected TG-master/slave mode timing chart
Added TGSYNC low period specification
Added description for LINE BY LINE operation
Added description for TEST PATTERN GENERATOR
Added description for Register setting procedure
1
1
9
13,14
15
18,19
20
23
39,40
40
51,52,62,79
53,54,76
55~61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com