Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 5 Page - Cirrus Logic

  WM8255 Datasheet HTML 1Page - Cirrus Logic WM8255 Datasheet HTML 2Page - Cirrus Logic WM8255 Datasheet HTML 3Page - Cirrus Logic WM8255 Datasheet HTML 4Page - Cirrus Logic WM8255 Datasheet HTML 5Page - Cirrus Logic WM8255 Datasheet HTML 6Page - Cirrus Logic WM8255 Datasheet HTML 7Page - Cirrus Logic WM8255 Datasheet HTML 8Page - Cirrus Logic WM8255 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
5
PIN DESCRIPTION
PINNO
NAME
TYPE
DESCRIPTION
1
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 4, 6, 8 or
any multiple of 2 thereafter depending on input sample mode).
Digital multiplexed output data bus.
ADC output data (d15:d0) is available in a 4-bit multiplexed format as shown below.
A 2-bit multiplexed output is also available as described in the OUTPUT FORMATS
section of this datasheet on page 18.
A
B
C
D
2
OP[3]/SDO
Digital output
d15
d11
d7
d3
3
OP[2]
Digital output
d14
d10
d6
d2
4
OP[1]
Digital output
d13
d9
d5
d1
5
OP[0]
Digital output
d12
d8
d4
d0
Alternatively, pin OP[3]/SDO may be used to output register read-back data when
address bit 4=1 and SEN has been pulsed high. See Serial Interface description in
Device Description section for further details.
6
DVDD
Supply
Digital supply (3.3V)
7
DGND
Supply
Digital ground (0V).
8
EXTRES
Analogue input
External resistor connection for LED absolute current control. Must be connected to
ground via a suitable resistor.
9
VRB
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
10
VRT
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
11
VRX
Analogue output
Input return bias voltage
This pin must be connected to AGND via a decoupling capacitor.
12
NC
No Connect
Not Connected.
13
AGND2
Supply
Analogue ground pin (0V)
14
AVDD2
Supply
Analogue supply (3.3V) Not required to be driven if AVDD1 is being used. A
decoupling capacitor must be connected to AGND.
15
VINP
Analogue input
Video input.
16
VRLC/VBIAS
Analogue I/O
Selectable analogue output voltage for RLC or single-ended bias reference.
This pin would typically be connected to AGND via a decoupling capacitor.
VRLC can be externally driven if programmed Hi-Z.
17
ILEDB
Analogue input
Blue LED pin
18
ILEDG
Analogue input
Green LED pin
19
ILEDR
Analogue input
Red LED pin
20
AVDD1
Supply
Analogue Supply (5.75V)
21
AGND1
Supply
Analogue ground (0V).
22
TG
Digital input
Line synchronisation pulse
23
LEDSTART
Digital input
LED start pulse
24
NC
No Connect
Not Connected.
25
SDI
Digital input
Serial data input.
26
SCK
Digital input
Serial clock
27
SEN
Digital input
Enables the serial interface when high.
28
VSMP
Digital input
Video sample synchronisation pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com