Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 3Page - Cirrus Logic WM8255 Datasheet HTML 4Page - Cirrus Logic WM8255 Datasheet HTML 5Page - Cirrus Logic WM8255 Datasheet HTML 6Page - Cirrus Logic WM8255 Datasheet HTML 7Page - Cirrus Logic WM8255 Datasheet HTML 8Page - Cirrus Logic WM8255 Datasheet HTML 9Page - Cirrus Logic WM8255 Datasheet HTML 10Page - Cirrus Logic WM8255 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
7
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD1 = 5.75V, DVDD = 3.3V, AGND = DGND = AVDD2 = 0V, TA = 25C, MCLK = 24MHz, mode 1 unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 16-bit ADC, PGA, Offset and CDS functions)
Full-scale input voltage range
(see Note 1)
Max Gain
Min Gain
0.24
2.56
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
0
AVDD1
V
Full-scale transition error
Gain = 0dB;
PGA[7:0] = 07(hex)
-50
10
+50
mV
Zero-scale transition error
Gain = 0dB;
PGA[7:0] = 07(hex)
-50
10
+50
mV
Differential non-linearity
DNL
1.5
LSB
Integral non-linearity
INL
25
LSB
Input referred noise
9
LSB rms
References
Upper reference voltage
VRT
2.05
V
Lower reference voltage
VRB
1.05
V
Diff. reference voltage (VRT-VRB)
VRTB
1.0
V
Output resistance VRT, VRB, VRX
1

VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
10
50
100

VRLC short-circuit current
8
mA
VRLC output resistance
2
VRLC Hi-Z leakage current
VRLC = 0 to AVDD1
1
A
RLCDAC resolution
4
bits
RLCDAC step size
VRLCSTEP
0.24
V/step
RLCDAC output voltage at
code 0(hex)
VRLCBOT
0.3
V
RLCDAC output voltage at
code F(hex)
VRLCTOP
3.9
V
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.6
LSB
Integral non-linearity
INL
2
LSB
Step size
1.96
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-220
+220
-250
+250
-280
+280
mV
mV
Notes:
1.
Full-scale input voltage denotes the peak input signal amplitude that can be gained to match the ADC input range.
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com