Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 43 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 39Page - Cirrus Logic WM8255 Datasheet HTML 40Page - Cirrus Logic WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic WM8255 Datasheet HTML 46Page - Cirrus Logic WM8255 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
43
REGISTER
BIT
NO
BIT NAME(S)
DEFAULT
DESCRIPTION
4:3
LEDIRNGG [1:0]
00
Coarse LED current range during imaging for Green LED
5
Reserved
0
Must be set to zero
7:6
STATERST [1:0]
11
State reset. Sets the number of states to be used.
00 = State_0 only
01 = State_0 to State_1
10 = State_0 to State_2
11 = State_0 to State_3
Setup
Register 9
1:0
LEDIRNGB [1:0]
00
Coarse LED current range during imaging for Blue LED
2
Reserved
0
Must be set to zero
3
REQLEDST
0
If LEDSTART is to be used this register must be set high
4
MONOTG
0
When MONOMODE=0 this register has no effect.
When set high allows the TG pin to restart the colour sequence when in
mono mode.
5
MONOMODE
0
When set, puts the LED control in to monochrome (composite mode)
7:6
ILIMITEN[1:0]
00
Specifies the mode of operation of current limiting of the LED DAC. See
Table 4 for details.
Setup
Register 10
1:0
STATE0[1:0]
00
Sets the State 0 colour setting.
Red = 00
Green = 01
Blue = 10
Off = 11
3:2
STATE1[1:0]
01
Sets the State 1 colour setting.
Red = 00
Green = 01
Blue = 10
Off = 11
5:4
STATE2[1:0]
10
Sets the State 2 colour setting.
Red = 00
Green = 01
Blue = 10
Off = 11
7:6
STATE3[1:0]
11
Sets the State 3 colour setting.
Red = 00
Green = 01
Blue = 10
Off = 11
Setup
Register 11
7:0
LEDPWMPER
[7:0] (LSBs)
00000000
Sets the LSBs of the maximum value for the LED PWM period. [7:0]
Setup
Register 12
3:0
LEDPWMPER
[11:8] (MSBs)
0000
Sets the MSBs of the maximum value for the LED PWM period. [11:8]
7:4
CLKDIV [3:0]
0000
Sets the division of MCLK applied to the PWM counter.
Setup
Register 13
7:0
LEDPWMDCR
[7:0] (LSBs)
00000000
Sets the LSBs of the LED PWM Duty Cycle for the RED LED. [7:0]
Setup
Register 14
7:0
LEDPWMDCG
[7:0] (LSBs)
00000000
Sets the LSBs of the LED PWM Duty Cycle for the GREEN LED. [7:0]
Offset DAC
(Red)
7:0
DACR[7:0]
10000000
Red channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Green)
7:0
DACG[7:0]
10000000
Green channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Blue)
7:0
DACB[7:0]
10000000
Blue channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(RGB)
7:0
DAC[7:0]
A write to this register location causes the red, green and blue offset
DAC registers to be overwritten by the new value.
Setup
Register 15
7:0
LEDPWMDCB
[7:0] (LSBs)
00000000
Sets the LSBs of the LED PWM Duty Cycle for the BLUE LED. [7:0]
Setup
Register 16
3:0
LEDPWMDCR
[11:8] (MSBs)
0001
Sets the MSBs of the LED PWM Duty Cycle for the RED LED. [11:8]
The LEDPWMDCR must not be set to zero (MSB and LSB both zero)
7:4
LEDPWMDCG
[11:8] (MSBs)
0001
Sets the MSBs of the LED PWM Duty Cycle for the GREEN LED. [11:8]
The LEDPWMDCG must not be set to zero (MSB and LSB both zero)
Set up
Register 17
3:0
LEDPWMDCB
[11:8] (MSBs)
0001
Sets the MSBs of the LED PWM Duty Cycle for the BLUE LED. [11:8]
The LEDPWMDCB must not be set to zero (MSB and LSB both zero)
7:4
LEDSTART [3:0]
0000
Sets the LSBs of the 7 bit LEDSTART time. [3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com